Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S2561616A-6BG Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A-6BG
Description  4M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A-6BG Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M13S2561616A-6BG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6BG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6BG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6BG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6BG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6BG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-6BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ESMT
M13S2561616A
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2009
Revision : 2.0
5/49
DC Specifications
Version
Parameter
Symbol
Test Condition
-4
-5
-6
Unit Note
Operation Current
(One Bank Active)
IDD0
tRC = tRC (min), tCK = tCK (min)
Active – Precharge
140
130
120
mA
Operation Current
(One Bank Active)
IDD1
Burst Length = 2, tRC = tRC (min), CL= 2.5,
IOUT = 0mA,
Active-Read- Precharge
190
185
165
mA
Precharge Power-down
Standby Current
IDD2P
CKE
≤ V
IL(max), tCK = tCK (min), All banks idle
40
30
25
mA
Idle Standby Current
IDD2N
CKE
V
IH(min),
CS
V
IH(min), tCK = tCK (min)
70
60
55
mA
Active Power-down
Standby Current
IDD3P
All banks ACT, CKE
V
IL(max), tCK = tCK (min)
55
50
45
mA
Active Standby Current
IDD3N
One bank; Active-Precharge, tRC = tRAS(max),
tCK = tCK (min)
120
95
90
mA
Operation Current (Read)
IDD4R
Burst Length = 2, CL= 2.5 , tCK = tCK (min),
IOUT = 0mA
300
290
250
mA
Operation Current (Write)
IDD4W
Burst Length = 2, CL= 2.5 , tCK = tCK (min)
300
290
250
mA
Auto Refresh Current
IDD5
tRC tRFC(min)
300
270
250
mA
Self Refresh Current
IDD6
CKE
0.2V
6
5
5
mA
1
Operation Current
(Four Bank Operation)
IDD7
Four bank interleaving with BL = 4, tRC = tRC(min),
burst mode; Read with auto precharge;
Address and control input on NOP edge are not
changing. IOUT = 0mA
350
300
270
mA
Note: 1. Enable on-chip refresh and address counters.
AC Operation Conditions & Timing Specification
AC Operation Conditions
Parameter
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.31
V
Input Low (Logic 0) Voltage, DQ, DQS and DM signals
VIL(AC)
VREF - 0.31
V
Input Different Voltage, CLK and CLK inputs
VID(AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CLK and CLK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Note: 1. VID is the magnitude of the difference between the input level on CLK and the input on CLK .
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the
same.
Input / Output Capacitance
(VDD = 2.3V~2.7V, VDDQ =2.3V~2.7V, TA = 25 C
° , f = 1MHz)
(VDD = 2.4V~2.8V, VDDQ = 2.4V~2.8V, TA = 25 C
° , f = 1MHz (only for speed -4))
Parameter
Symbol
Min
Max
Unit
Input capacitance
(A0~A12, BA0~BA1, CKE, CS , RAS , CAS , WE )
CIN1
2.0
3.0
pF
Input capacitance (CLK, CLK )
CIN2
2.0
3.0
pF
Data & DQS input/output capacitance
COUT
4.0
5.0
pF
Input capacitance (DM)
CIN3
4.0
5.0
pF


Similar Part No. - M13S2561616A-6BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A-6BIG ESMT-M13S2561616A-6BIG Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S2561616A-6BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
   8M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
logo
Winbond
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com