Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S2561616A-4BG Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A-4BG
Description  4M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A-4BG Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  M13S2561616A-4BG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-4BG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-4BG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-4BG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-4BG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-4BG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-4BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-4BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-4BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
ESMT
M13S2561616A
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2009
Revision : 2.0
4/49
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD supply relative to VSS
VDD
-1.0 ~ 3.6
V
Voltage on VDDQ supply relative to VSS
VDDQ
-0.5 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
C
°
Power dissipation
PD
1500
mW
Short circuit current
IOS
50
mA
Note:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommend operation condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC Operation Condition & Specifications
DC Operation Condition
Recommended operating conditions (Voltage reference to VSS = 0V, TA = 0 to 70 C
°)
Min
Max
Parameter
Symbol
-4
-5/6
-4
-5/6
Unit
Note
Supply voltage
VDD
2.4
2.3
2.8
2.7
V
I/O Supply voltage
VDDQ
2.4
2.3
2.8
2.7
V
I/O Reference voltage
VREF
0.49*VDDQ
0.51*VDDQ
V
1
I/O Termination voltage (system)
VTT
VREF - 0.04
VREF + 0.04
V
2
Input logic high voltage
VIH (DC)
VREF + 0.15
VDDQ + 0.3
V
Input logic low voltage
VIL (DC)
-0.3
VREF - 0.15
V
Input Voltage Level, CLK and CLK inputs
VIN (DC)
-0.3
VDDQ + 0.3
V
Input Differential Voltage, CLK and CLK inputs
VID (DC)
0.36
VDDQ + 0.6
V
3
Input leakage current
II
-2
2
μ A
4
Output leakage current
IOZ
-5
5
μ A
Output High Current (Normal strength driver)
(VOUT =VDDQ-0.373V, min VREF, min VTT)
IOH
-16.8
mA
Output Low Current (Normal strength driver)
(VOUT = 0.373V)
IOL
+16.8
mA
Output High Current (Weak strength driver)
(VOUT =VDDQ-0.373V, min VREF, min VTT)
IOH
-9
mA
Output Low Current (Weak strength driver)
(VOUT = 0.373V)
IOL
+9
mA
Notes:
1.
VREF is expected to be equal to 0.5* VDDQ of the transmitting device, and to track variations in the DC level of the same.
Peak-to-peak noise on VREF may not exceed 2% of the DC value.
2.
VTT is not applied directly to the device. VTT is system supply for signal termination resistors, is expected to be set equal to
VREF, and must track variations in the DC level of VREF .
3.
VID is the magnitude of the difference between the input level on CLK and the input level on CLK .
4.
VIN = 0V to VDD, All other pins are not tested under VIN = 0V.


Similar Part No. - M13S2561616A-4BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A-4TG ESMT-M13S2561616A-4TG Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S2561616A-4BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
   8M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
logo
Winbond
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com