Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S128168A-6BG Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128168A-6BG
Description  2M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128168A-6BG Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S128168A-6BG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S128168A-6BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128168A-6BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128168A-6BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S128168A-6BG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S128168A-6BG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13S128168A-6BG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M13S128168A-6BG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M13S128168A-6BG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ESMT
M13S128168A
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2008
Revision : 2.2
10/49
Mode Register Definition
Mode Register Set (MRS)
The mode register stores the data for controlling the various operating modes of DDR SDRAM. It programs CAS latency,
addressing mode, burst length, test mode, DLL reset and various vendor specific options to make DDR SDRAM useful for variety
of different applications. The default value of the register is not defined, therefore the mode register must be written after EMRS
setting for proper DDR SDRAM operation. The mode register is written by asserting low on CS , RAS , CAS , WE and BA0
(The DDR SDRAM should be in all bank precharge with CKE already high prior to writing into the mode register). The state of
address pins A0~A11 in the same cycle as CS , RAS , CAS , WE and BA0 going low is written in the mode register. Two clock
cycles are requested to complete the write operation in the mode register. The mode register contents can be changed using the
same command and clock cycle requirements during operation as long as all banks are in the idle state. The mode register is
divided into various fields depending on functionality. The burst length uses A0~A2, addressing mode uses A3, CAS latency (read
latency from column address) uses A4~A6. A7 is used for test mode. A8 is used for DLL reset. A7 must be set to low for normal
MRS operation. Refer to the table for specific codes for various burst length, addressing modes and CAS latencies.
BA1
BA0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Bus
0
0
RFU
DLL
TM
CAS Latency
BT
Burst Length
Mode Register
A8
DLL Reset
A7
Mode
A3
Burst Type
0
No
0
Normal
0
Sequential
1
Yes
1
Test
1
Interleave
Burst Length
CAS Latency
Latency
A6
A5
A4
Latency
A2
A1
A0
Sequential Interleave
BA1 BA0
Operating Mode
0
0
0
Reserve
0
0
0
Reserve
Reserve
0
0
MRS Cycle
0
0
1
Reserve
0
0
1
2
2
0
1
EMRS Cycle
0
1
1
3
0
1
0
4
4
1
0
1
Reserve
0
1
1
8
8
1
1
0
Reserve
1
0
0
Reserve
Reserve
1
1
1
Reserve
1
0
1
Reserve
Reserve
1
1
0
Reserve
Reserve
1
1
1
Reserve
Reserve


Similar Part No. - M13S128168A-6BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128168A-6BG ESMT-M13S128168A-6BG Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128168A-6BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
   8M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com