Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5R-4812D Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # B5R-4812D
Description  5 WATT DC/DC CONVERTER, SINGLE & MULTIPLE OUTPUTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

B5R-4812D Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  B5R-4812D Datasheet HTML 1Page - Volgen Kaga Electronics Inc. B5R-4812D Datasheet HTML 2Page - Volgen Kaga Electronics Inc. B5R-4812D Datasheet HTML 3Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
E
EL
LE
EC
CT
TR
RIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
IIN
NP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
O
OU
UT
TP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
G
GE
EN
NE
ER
RA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
G
GE
EN
NE
ER
RA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
P
PH
HY
YS
SIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
1
FEATURES
ECONOMY LINE
5 WATTS DIP 24 PACKAGE
2 : 1 WIDE INPUT VOLTAGE RANGE
REGULATED OUTPUTS
TYPICAL EFFICIENCY UP TO 85%
SHORT CIRCUIT PROTECTION
DIRECT PCB-SOLDERING
HIGH ISOLATION(4KV AVAILABLE)
UL94V-0 PACKAGE
5
5 W
WA
AT
TT
T D
DC
C//D
DC
C C
CO
ON
NV
VE
ER
RT
TE
ER
R,,
S
SIIN
NG
GL
LE
E &
& M
MU
UL
LT
TIIP
PL
LE
E O
OU
UT
TP
PU
UT
TS
S
B
B55W
WR
R S
Seerriieess
Input Voltage....................................2 : 1
Input Filter........................................ PI-Network
Output Voltage Accuracy........... ± 1% typ.
Efficiency....................................83 % typ.
Over-Current Protection...………Built-in (Automatic Recovery)
Ripple .....................................…50 mVp-p (DC
to 100Mhz)
Line Regulation...........................±0.2%
Line Filter....................................Built-in
Load Regulation………………....± 0.5% max.
(Load Rate 10% ~ 100%)
Isolation Voltage………………DC 2KV min
* Add /H after P/N for 4KV
MTBF................................. > 9 x 105 hours
Isolation Resistance.......... .1 GΩ min.
Operating Temperature ...................-40°C ~ +75°C
Temperature Coefficient...................±0.05%/ °C
Humidity.......................................... 30%~95% RH
Storage Temperature...................... -55°C ~ +85°C
Case Material..........................UL94-0 Plastic
Dual In-Line Pin Configuration
All specifications are typical at nominal input, full load


Similar Part No. - B5R-4812D

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B5RS MSYSTEM-B5RS Datasheet
109Kb / 3P
   Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5RS-0 MSYSTEM-B5RS-0 Datasheet
109Kb / 3P
   Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5RS-0/K MSYSTEM-B5RS-0/K Datasheet
109Kb / 3P
   Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5RS-1 MSYSTEM-B5RS-1 Datasheet
109Kb / 3P
   Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
B5RS-1/K MSYSTEM-B5RS-1/K Datasheet
109Kb / 3P
   Super-mini Two-wire Terminal Block Signal Conditioners B5-UNIT
More results

Similar Description - B5R-4812D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKUW WALL-MSKUW Datasheet
229Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs
logo
List of Unclassifed Man...
MT5 ETC1-MT5 Datasheet
280Kb / 2P
   5 WATT DC//DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
logo
Volgen Kaga Electronics...
MT5-2405SI VOLGEN-MT5-2405SI Datasheet
284Kb / 2P
   5 WATT DC/DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
FDC15-24S05 VOLGEN-FDC15-24S05 Datasheet
238Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
   5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com