Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S128168A-4BG Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S128168A-4BG
Description  2M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S128168A-4BG Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S128168A-4BG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S128168A-4BG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S128168A-4BG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S128168A-4BG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S128168A-4BG Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13S128168A-4BG Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M13S128168A-4BG Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M13S128168A-4BG Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M13S128168A-4BG Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
ESMT
M13S128168A
Elite Semiconductor Memory Technology Inc.
Publication Date : Dec. 2008
Revision : 2.2
11/49
Burst Address Ordering for Burst Length
Burst
Length
Starting
Address (A2, A1,A0)
Sequential Mode
Interleave Mode
xx0
0, 1
0, 1
2
xx1
1, 0
1, 0
x00
0, 1, 2, 3
0, 1, 2, 3
x01
1, 2, 3, 0
1, 0, 3, 2
x10
2, 3, 0, 1
2, 3, 0, 1
4
x11
3, 0, 1, 2
3, 2, 1, 0
000
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
001
1, 2, 3, 4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
010
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
011
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
100
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
101
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
110
6, 7, 0, 1, 2, 3, 4, 5
6, 7, 4, 5, 2, 3, 0, 1
8
111
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0
DLL Enable / Disable
The DLL must be enabled for normal operation. DLL enable is required during power-up initialization, and upon returning to
normal operation after having disabled the DLL for the purpose of debug or evaluation (upon exiting Self Refresh Mode, the DLL is
enable automatically). Any time the DLL is enabled, 200 clock cycles must occur before a READ command can be issued.
Output Drive Strength
The normal drive strength for all outputs is specified to be SSTL_2, Class II. M13S128168A also support a weak drive strength
option, intended for lighter load and/or point-to-point environments.
Mode Register Set
*1 : MRS can be issued only at all banks precharge state.
*2 : Minimum tRP is required to issue MRS command.
0
1
23
4
5
678
CO MM A N D
t CK
Pre c h a rg e
Al l B a n k s
Mo d e
R egi s t e r S e t
An y
C o mma n d
t RP
*2
*1
CL K
CL K


Similar Part No. - M13S128168A-4BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128168A-2N ESMT-M13S128168A-2N Datasheet
720Kb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13S128168A-5BG ESMT-M13S128168A-5BG Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A-5BIG ESMT-M13S128168A-5BIG Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A-5T ESMT-M13S128168A-5T Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A-5TG ESMT-M13S128168A-5TG Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S128168A-4BG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
   8M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com