Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S64164A-5BIG Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S64164A-5BIG
Description  1M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S64164A-5BIG Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M13S64164A-5BIG Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13S64164A-5BIG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S64164A-5BIG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S64164A-5BIG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S64164A-5BIG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S64164A-5BIG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S64164A-5BIG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S64164A-5BIG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S64164A-5BIG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ESMT
M13S64164A
Operation Temperature Condition -40
°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Mar. 2009
Revision : 1.0
5/49
DC Specifications
Version
Parameter
Symbol
Test Condition
-5
-6
Unit Note
Operation Current
(One Bank Active)
IDD0
tRC = tRC (min) tCK = tCK (min)
Active – Precharge
150
130
mA
Operation Current
(One Bank Active)
IDD1
Burst Length = 2 tRC = tRC (min), CL=
2.5 IOUT = 0mA,
Active-Read-
Precharge
160
140
mA
Precharge Power-down Standby
Current
IDD2P
CKE
≤ V
IL(max),
tCK = tCK (min), All
banks idle
40
40
mA
Idle Standby Current
IDD2N
CKE
V
IH(min),
CS
V
IH(min), tCK =
tCK (min)
100
100
mA
Active
Power-down
Standby
Current
IDD3P
All banks ACT, CKE
V
IL(max), tCK =
tCK (min)
50
40
mA
Active Standby Current
IDD3N
One bank; Active-Precharge, tRC =
tRAS(max), tCK = tCK (min)
110
100
mA
Operation Current (Read)
IDD4R
Burst Length = 2, CL= 2.5 , tCK = tCK
(min), IOUT = 0mA
220
200
mA
Operation Current (Write)
IDD4W
Burst Length = 2, CL= 2.5 , tCK = tCK
(min)
220
200
mA
Auto Refresh Current
IDD5
tRC tRFC(min)
250
220
mA
Self Refresh Current
IDD6
CKE
0.2V
5
5
mA
1
Operation Current
(4 bank interleaving)
IDD7
Burst Length = 4, tRC = tRC (min),
IOUT = 0mA
280
260
mA
Note 1. Enable on-chip refresh and address counters.
AC Operation Conditions & Timing Specification
AC Operation Conditions
Parameter
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.31
V
Input Low (Logic 0) Voltage, DQ, DQS and DM signals
VIL(AC)
VREF - 0.31
V
Input Different Voltage, CLK and CLK inputs
VID(AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CLK and CLK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Note1. VID is the magnitude of the difference between the input level on CLK and the input on CLK .
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the
same.
Input / Output Capacitance
(VDD = 2.3V~2.7V, VDDQ=2.3V~2.7V, TA = 25 C
° , f = 1MHz)
Parameter
Symbol
Min
Max
Unit
Input capacitance
(A0~A11, BA0~BA1, CKE, CS , RAS , CAS , WE )
CIN1
2.5
3.5
pF
Input capacitance (CLK, CLK )
CIN2
2.5
3.5
pF
Data & DQS input/output capacitance
COUT
4.0
5.5
pF
Input capacitance (DM)
CIN3
4.0
5.5
pF


Similar Part No. - M13S64164A-5BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S64164A-5BG ESMT-M13S64164A-5BG Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A-5BG ESMT-M13S64164A-5BG Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S64164A-5BIG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_09 Datasheet
1Mb / 48P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_09 Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
   8M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com