Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S64164A-6TG Datasheet(PDF) 6 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S64164A-6TG
Description  1M x 16 Bit x 4 Banks Double Data Rate SDRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S64164A-6TG Datasheet(HTML) 6 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S64164A-6TG Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6TG Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6TG Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6TG Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6TG Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6TG Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6TG Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6TG Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S64164A-6TG Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
ESMT
M13S64164A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jun. 2009
Revision : 1.4
6/48
AC Operating Test Conditions
Parameter
Value
Unit
Input reference voltage for clock (VREF)
0.5*VDDQ
V
Input signal maximum peak swing
1.5
V
Input signal minimum slew rate
1.0
V/ns
Input levels (VIH/VIL)
VREF+0.31/VREF-0.31
V
Input timing measurement reference level
VREF
V
Output timing reference level
VTT
V
AC Timing Parameter & Specifications
(VDD = 2.3V~2.7V, VDDQ=2.3V~2.7V, TA =0 C
°
to 70 C
°)
-5
-6
Parameter
Symbol
min
max
min
max
Unit
CL2
7.5
12
7.5
12
CL2.5
6.0
12
6.0
12
Clock Period
CL3
tCK
5.0
8
6.0
10
ns
Access time from CLK/ CLK
tAC
-0.7
+0.7
-0.7
+0.7
ns
CLK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
CLK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
Data strobe edge to clock edge
tDQSCK
-0.6
+0.6
-0.6
+0.6
ns
Clock to first rising edge of DQS delay
tDQSS
0.75
1.25
0.75
1.25
tCK
Data-in and DM setup time (to DQS)
tDS
0.45
-
0.45
-
ns
Data-in and DM hold time (to DQS)
tDH
0.45
-
0.45
-
ns
DQ and DM input pulse width (for each input)
tDIPW
1.75
-
1.75
-
ns
Input setup time (fast slew rate)
tIS
0.75
-
0.75
-
ns
Input hold time (fast slew rate)
tIH
0.75
-
0.75
-
ns
Input setup time (slow slew rate)
tIS
0.8
-
0.8
-
ns
Input hold time (slow slew rate)
tIH
0.8
-
0.8
-
ns
Control and Address input pulse width
tIPW
2.2
-
2.2
-
ns
DQS input high pulse width
tDQSH
0.4
0.6
0.4
0.6
tCK
DQS input low pulse width
tDQSL
0.4
0.6
0.4
0.6
tCK
DQS falling edge to CLK rising-setup time
tDSS
0.2
-
0.2
-
tCK
DQS falling edge from CLK rising-hold time
tDSH
0.2
-
0.2
-
tCK
Data strobe edge to output data edge
tDQSQ
-
0.45
-
0.45
ns
Data-out high-impedance window from
CLK/ CLK
tHZ
-0.7
+0.7
-0.7
+0.7
ns
Data-out low-impedance window from
CLK/ CLK
tLZ
-0.7
+0.7
-0.7
+0.7
ns


Similar Part No. - M13S64164A-6TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S64164A-6TG ESMT-M13S64164A-6TG Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results

Similar Description - M13S64164A-6TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A_1 Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_09 Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
   8M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com