Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC20-24D05W Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # FDC20-24D05W
Description  SIINGLE AND DUAL OUTPUT,, 4::1 WIIDE IINPUT RANGE 20 WATTS DC//DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

FDC20-24D05W Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  FDC20-24D05W Datasheet HTML 1Page - Volgen Kaga Electronics Inc. FDC20-24D05W Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18
FEATURES
FDC20-W
FDC20-W
4:1 INPUT RANGE
PI INPUT FILTER
2 YEAR WARRANTY
HIGH EFFICIENCY
LOW PROFILE CASE
OVERVOLTAGE PROTECTION
OVERCURRENT PROTECTION
ON/OFF CONTROL
SINGLE
SINGLE AND DUAL
AND DUAL OUTPUT
OUTPUT, 4:1 WIDE INPUT RANGE
, 4:1 WIDE INPUT RANGE
20 W
20 WA
ATTS DC/DC CONVER
TTS DC/DC CONVERTERS
TERS
Control Voltage Referenced to Negative (-) Input
Compatability......................................CMOS, TTL
On-Control..........................................4.8V min. or Open
Off-Control..........................................0.4V max. or Short
R
R E
E M
M O
O T
T E
E O
O N
N // O
O F
F F
F C
C O
O N
N T
T R
R O
O L
L
R
R E
E M
M O
O T
T E
E O
O N
N // O
O F
F F
F C
C O
O N
N T
T R
R O
O L
L
Switching Frequency...........................300kHz, typ.
Isolation Voltage.................................1600VDC, min
Isolation Resistance...........................10 Ohms , min
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Case Material.....................................Nickel-Coated Copper with
Non-Conductive Base
Dimensions.........................................2.0x1.6x0.4 Inches
(50.8x40.6x10.2 mm)
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Operating Temperature Range............-25˚C to +60˚C (See Fig.1)
Alternative Operating Temperature Suffix “M2”
.............................................................-40˚C to +60˚C
Storage Temperature Range................-55˚C to +125˚C
Cooling.................................................Free-air Convection
EMI/RFI................................................Six-sided Continuous Shield
MTBF....................................................4.270x10
5Hours
(MIL-HDBK-217F TA=25˚C Full Load)
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
All specifications are typical at nominal input, full load,
and 25˚C unless otherwise noted.
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Input Voltage Range 24V nominal......9 to 36V
48V nominal......18 to 72V
Input Filter...........................................PI Network
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Voltage Accuracy............................±2%
External Trim Adjustment Range...±10% typ.
Ripple and Noise, 20MHz BW
Single Output.................................75mV P-P, 20m V RMS
Dual Output....................................100mV P-P, 20m V RMS
Line Regulation, Full Line..............±0.5%
Load Regulation, FL-1/4FL............±0.25% (Single)
±2% (Dual)
FL-NL............±0.5% (Single)
±3% (Dual)
Temperature Coefficient.................±0.02%/˚C
Transient Response Recovery Time,
25% Load Step Change.................500µsec
Short Circuit Protection..................Continuous
Overvoltage Portection Threshold:
5V Output.......................................6.2V
12V Output.....................................15V
15V Output.....................................18V
9


Similar Part No. - FDC20-24D05W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC20-24D05 ETC2-FDC20-24D05 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20-24D05 ASTRODYNE-FDC20-24D05 Datasheet
600Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC20-24D05 P-DUKE-FDC20-24D05 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FDC20-24D05 P-DUKE-FDC20-24D05 Datasheet
347Kb / 3P
   20 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC20-24D05 ASTRODYNE-FDC20-24D05 Datasheet
202Kb / 4P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
More results

Similar Description - FDC20-24D05W

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
FEC15-12S33 VOLGEN-FEC15-12S33 Datasheet
252Kb / 2P
   SIINGLE AND DUAL OUTPUT,, HIIGH DENSIITY 15 WATTS DC//DC CONVERTERS
FDC40-12S33 VOLGEN-FDC40-12S33 Datasheet
296Kb / 2P
   SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
   1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
logo
Total Power Internation...
MIW2000 TOTAL-POWER-MIW2000 Datasheet
274Kb / 8P
   3-4 Watts 4 :1 Wide Input Range DC/DC Converters
MKW2600 TOTAL-POWER-MKW2600 Datasheet
182Kb / 8P
   15 Watts 4:1 Wide Input Range DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC1SC01 CINCON-EC1SC01 Datasheet
195Kb / 2P
   20 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
Total Power Internation...
MIW4000 TOTAL-POWER-MIW4000 Datasheet
348Kb / 8P
   5-6 Watts 4 : 1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
CINCON ELECTRONICS Corp...
CFB400W CINCON-CFB400W Datasheet
196Kb / 2P
   400W WATTS 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Wall Industries,Inc.
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com