Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC82L54AT Datasheet(PDF) 9 Page - Megawin Technology Co., Ltd

Part # MPC82L54AT
Description  8-bit micro-controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82L54AT Datasheet(HTML) 9 Page - Megawin Technology Co., Ltd

Back Button MPC82L54AT Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC82L54AT Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC82L54AT Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC82L54AT Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC82L54AT Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC82L54AT Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC82L54AT Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC82L54AT Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC82L54AT Datasheet HTML 13Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
MEGAWIN
MPC82x54A Data Sheet
9
Alternative ADC input
P0.3
26
BU
P0.3: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
P1.5(MOSI/AIN5)
27
23
17
BU
P1.5: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
MOSI: =
Master data Output or Slave data
Input for Serial Peripheral Interface
(SPI)
AIN5: =
Alternative ADC input
P1.6(MISO/AIN6)
28
24
18
BU
P1.6: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
MISO: =
Master data Input or Slave data
Output for Serial Peripheral Interface
(SPI)
AIN6: =
Alternative ADC input
P1.7
(SPICLK/AIN7)
29
25
19
BU
P1.7: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
SPICLK: =
Serial Clock for Serial Peripheral
Interface (SPI)
AIN7: =
Alternative ADC input
P2.0(CEX2)
30
26
BU
P2.0: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
CEX2: =
Capture Event trigger to
Programmable Counter Array (PCA)
module-2 or PWM output
P2.1
31
27
BU
P2.1: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
VCC
32
28
20
P
Power supply


Similar Part No. - MPC82L54AT

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MPC82L54 MEGAWIN-MPC82L54 Datasheet
2Mb / 153P
   Enhanced UART
More results

Similar Description - MPC82L54AT

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com