Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC82E54AP Datasheet(PDF) 6 Page - Megawin Technology Co., Ltd

Part # MPC82E54AP
Description  8-bit micro-controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82E54AP Datasheet(HTML) 6 Page - Megawin Technology Co., Ltd

Back Button MPC82E54AP Datasheet HTML 2Page - Megawin Technology Co., Ltd MPC82E54AP Datasheet HTML 3Page - Megawin Technology Co., Ltd MPC82E54AP Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC82E54AP Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC82E54AP Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC82E54AP Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC82E54AP Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC82E54AP Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC82E54AP Datasheet HTML 10Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
6
MPC82x54A Data Sheet
MEGAWIN
Pin Description
Pin Definition
PIN NUMBER
PinName
PLCC-32 PDIP-28
PDIP-20
TYPE
DESCRIPTION
P2.2
1
1
BU
P2.2: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
P2.3
2
2
BU
P2.3: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
RST
3
3
1
ID
RST: =
A high duty on this pin keeps for at
least 10us plus 36 oscillation cycles
will reset the device.
P3.0(RXD)
4
4
2
BU
P3.0: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
RXD: =
Data Receiving pin for built-in UART
functionality.
P3.1(TXD)
5
5
3
BU
P3.1: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
TXD: =
Data Transmitting pin for built-in
UART functionality.
P0.0
6
BU
P0.0: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
XTALO
7
6
4
O
XTALO: =
Output from the inverting oscillator
amplifier.
XTALI
8
7
5
I
XTALI: =
Input
to
the
inverting
oscillator
amplifier.
P3.2(INT0)
9
8
6
BU
P3.2: =
General purpose 4-state I/O port with
internal pull-up mechanism; can be
configured as open-drain output.
INT0: =
External interrupt source


Similar Part No. - MPC82E54AP

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MPC82E54 MEGAWIN-MPC82E54 Datasheet
2Mb / 153P
   Enhanced UART
More results

Similar Description - MPC82E54AP

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com