Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC89x53AP Datasheet(PDF) 10 Page - Megawin Technology Co., Ltd

Part # MPC89x53AP
Description  8-bit micro-controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC89x53AP Datasheet(HTML) 10 Page - Megawin Technology Co., Ltd

Back Button MPC89x53AP Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC89x53AP Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC89x53AP Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC89x53AP Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC89x53AP Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC89x53AP Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC89x53AP Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC89x53AP Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC89x53AP Datasheet HTML 14Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Nonvolatile Registers:
There are two Nonvolatile Registers named OR0 and OR1 individually. They are designed to
configure the MPC89x53A options.
Generally these two nonvolatile registers will be written via a popular NVM writer, i.e., Hi-Lo
System All-11, Leaper-48 and Megawin-Provided MCU writer. Furthermore, the user can
change the NVM register OR1 by the ISP program, but OR0 can only be written via an off-line
popular NVM writer.
NVM register: OR0 (Option Register 0):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
-
-
ISPAS1
ISPAS0
-
MOVCL
SB
LOCK
{ISPAS1, ISPAS0}: Used to identify the start address for ISP program
{0, 0}:= The ISP space is from 0x2C00 to 0x3BFF (4K size).
{0, 1}:= The ISP space is from 0x3400 to 0x3BFF (2K size).
{1, 0}:= The ISP space is from 0x3800 to 0x3BFF (1K size)
{1, 1}:= No ISP space.
These two bits decide where the ISP program locates.
MOVCL: Used to determine if MOVC instruction will be disabled.
0:= MOVC is conditionally disabled.
1:= MOVC is always available.
SB: Used to determine if the program code will be scrambled while it is dumped.
0:= Code dump from Writer is scrambled.
1:= Code dump from Writer is transparent.
LOCK: Used to determine if the program code will be locked against the popular writer.
0:= lock code.
1:= does not lock code
If the code is locked, all the data dumped from a popular will always show FFh.
Please check file “initial Configuration.pdf” to get the default value of the OR0.
10
MPC89x53A Data Sheet
MEGAWIN


Similar Part No. - MPC89x53AP

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MPC89X515A MEGAWIN-MPC89X515A Datasheet
586Kb / 38P
   8-bit micro-controller
MPC89x515AE MEGAWIN-MPC89x515AE Datasheet
586Kb / 38P
   8-bit micro-controller
MPC89x515AF MEGAWIN-MPC89x515AF Datasheet
586Kb / 38P
   8-bit micro-controller
MPC89x515AP MEGAWIN-MPC89x515AP Datasheet
586Kb / 38P
   8-bit micro-controller
MPC89X51A MEGAWIN-MPC89X51A Datasheet
334Kb / 38P
   8-bit micro-controller
More results

Similar Description - MPC89x53AP

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com