Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC82G516AS3 Datasheet(PDF) 8 Page - Megawin Technology Co., Ltd

Part # MPC82G516AS3
Description  8-bit microcontroller
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82G516AS3 Datasheet(HTML) 8 Page - Megawin Technology Co., Ltd

Back Button MPC82G516AS3 Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC82G516AS3 Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC82G516AS3 Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC82G516AS3 Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC82G516AS3 Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC82G516AS3 Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC82G516AS3 Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC82G516AS3 Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC82G516AS3 Datasheet HTML 12Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 144 page
background image
MEGAWIN
MPC82G516A Data Sheet
8
1 Description
The MPC82G516A is a single-chip microcontroller based on a high performance 1-T architecture 80C51 CPU
that executes instructions in 1~7 clock cycles (about 6~7 times the rate of a standard 8051 device), and has an
8051 compatible instruction set. Therefore at the same performance as the standard 8051, the MPC82G516A
can operate at a much lower speed and thereby greatly reduce the power consumption.
The MPC82G516A has 64K bytes of embedded Flash memory for code and data. The Flash memory can be
programmed either in parallel mode or in serial mode with the In-System Programming (ISP) and In-Circuit
Programming (ICP) capability. And, it also provides the In-Application Programming (IAP) capability. ISP and ICP
allow the user to download new code without removing the microcontroller from the actual end product; IAP
means that the device can write non-volatile data in the Flash memory while the application program is running.
There needs no external high voltage for programming due to its built-in charge-pumping circuitry.
In addition to the standard features of an 8051 MCU (such as 256 bytes scratch-pad RAM, four 8-bit I/O ports,
three timer/counters, full-duplex serial port and a multi-source 4-level interrupt controller), many system-level
functions have been incorporated into the MPC82G516A. The functions are on-chip 1024 bytes expanded RAM
(XRAM), an extra I/O port (P4), 10-bit ADC, PCA, SPI, secondary UART, keypad interrupt, one-time enabled
Watchdog Timer, and so forth. These additional functions greatly reduce the discrete component, board space
and system cost, and also make the MPC82G516A become a powerful microcontroller for a wide range of
applications.
The MPC82G516A has two power-saving modes and an 8-bit system clock prescaler to reduce the power
consumption. In the Idle mode the CPU is frozen while the peripherals and the interrupt system are still operating.
In the Power-Down mode the RAM and SFRs’ value are saved and all other functions are inoperative; most
importantly, in the Power-down mode the device can be waked up by the external interrupts. And, the user can
further reduce the power consumption by using the 8-bit system clock prescaler to slow down the operating
speed.
Additionally, the MPC82G516A is equipped with the Megawin proprietary On-Chip Debug (OCD) interface for In-
Circuit Emulator (ICE). The OCD interface provides on-chip and in-system non-intrusive debugging without any
target resource occupied. Several operations necessary for an ICE are supported such as Reset, Run, Stop,
Step, Run to Cursor and Breakpoint Setting. The user has no need to prepare any development board during
firmware developing or the socket adapter used in the traditional ICE probe head. All the thing the user needs to
do is to prepare a 4-pin connector for the dedicated OCD interface. This powerful feature make the developing
very easy for any user.


Similar Part No. - MPC82G516AS3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPC8200 MICROSEMI-MPC8200 Datasheet
435Kb / 2P
   PASSIVE DEVICES - MMSM� Capacitors
logo
Freescale Semiconductor...
MPC821 FREESCALE-MPC821 Datasheet
975Kb / 12P
   PowerPC Personal Syetems Microprocessor
logo
NXP Semiconductors
MPC821 NXP-MPC821 Datasheet
3Mb / 242P
   Design Specification
Rev 0.1
logo
Motorola, Inc
MPC823 MOTOROLA-MPC823 Datasheet
234Kb / 74P
   Communication Processor Module
logo
Freescale Semiconductor...
MPC823 FREESCALE-MPC823 Datasheet
1Mb / 70P
   AC Electrical Specifications
More results

Similar Description - MPC82G516AS3

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com