Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLS910B Datasheet(PDF) 1 Page - Megawin Technology Co., Ltd

Part # MLS910B
Description  8-bit I/O type micro-controller with voice function
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MLS910B Datasheet(HTML) 1 Page - Megawin Technology Co., Ltd

  MLS910B Datasheet HTML 1Page - Megawin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MLS9xxB Series
8-bit I/O type micro-controller with voice function
This document contains information on a new product under development by MEGAWIN. MEGAWIN reserves the right to change or discontinue
this product without notice.
 MEGAWIN Technology Co., Ltd. 2007 All rights reserved.
2007/05 version A1
MEGAWIN
Features
Single chip 8-bit CPU
Operation voltage: 2.4V to 5.5V
Memory:
ROM (shared by program and data):
1024K ~ 48KBytes
Data RAM: 256 Bytes
16 input/output pins with wake-up function
Two power-down modes for saving power
consumption:
Sleep mode: micro-controller no
operation (main-oscillator still
oscillating)
Stop mode: micro-controller no operation
(all oscillators stop oscillating)
Two current DAC output for voice
synthesizer
Dual-channel melody with programmable
envelope
Three re-loadable 16-bit timers
One watchdog timer built-in
Oscillator
Main oscillator operation at crystal or
RC mode is selected by code option
Crystal/Ceramic oscillator up to 4MHz
@ 2.4V and 6MHz @ 3.6V
RC oscillator up to 4MHz @ 2.4V
Selection Information
MLS918B
MLS916B
MLS914B
MLS912B
MLS910B
ROM
(Program ROM)
1024K x 8-bit
(32K x 8-bit)
768K x 8-bit
(32K x 8-bit)
512K x 8-bit
(32K x 8-bit)
384K x 8-bit
(32K x 8-bit)
256K x 8-bit
(32K x 8-bit)
I/O
16
16
16
16
16
MLS908B
MLS906B
MLS904B
MLS903B
MLS902B
MLS900B
ROM
(Program ROM)
192K x 8-bit
(32K x 8-bit)
128K x 8-bit
(32K x 8-bit)
96K x 8-bit
(32K x 8-bit)
80K x 8-bit
(32K x 8-bit)
64K x 8-bit
(32K x 8-bit)
48K x 8-bit
(32K x 8-bit)
I/O
16
16
16
16
16
16
Application Field
Toy controller
General IR controller


Similar Part No. - MLS910B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MLS9100-00752 MACOM-MLS9100-00752 Datasheet
144Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 738 - 766 MHz
MLS9102-00837 MACOM-MLS9102-00837 Datasheet
153Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz
MLS9108-00766 MACOM-MLS9108-00766 Datasheet
54Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 754 - 779 MHz
MLS9109-00881 MACOM-MLS9109-00881 Datasheet
89Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 869 -894 MHz
More results

Similar Description - MLS910B

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MSC64A MEGAWIN-MSC64A Datasheet
113Kb / 1P
   8-bit I/O type micro-controller with voice function
MSC24A MEGAWIN-MSC24A Datasheet
112Kb / 1P
   8-bit I/O type micro-controller with voice function
MLC0XXB MEGAWIN-MLC0XXB Datasheet
116Kb / 1P
   8-bit I/O type micro-controller with voice function
MG69L220A MEGAWIN-MG69L220A Datasheet
505Kb / 27P
   8-Bit Micro-Controller with IO function
logo
Renesas Technology Corp
R8A66154SP RENESAS-R8A66154SP Datasheet
152Kb / 8P
   8-bit I/O EXPANDER WITH LED DRIVE FUNCTION
logo
List of Unclassifed Man...
ML610Q304 ETC2-ML610Q304 Datasheet
624Kb / 28P
   8-bit Microcontroller with Voice Output Function
logo
LAPIS Semiconductor Co....
ML610Q304 LAPIS-ML610Q304 Datasheet
624Kb / 28P
   8-bit Microcontroller with Voice Output Function
logo
List of Unclassifed Man...
ML610Q360 ETC2-ML610Q360 Datasheet
782Kb / 30P
   8-bit Microcontroller with Voice Output Function
ML610Q340 ETC2-ML610Q340 Datasheet
464Kb / 26P
   8-bit Microcontroller with Voice Output Function
ML610Q380 ETC2-ML610Q380 Datasheet
480Kb / 29P
   8-bit Microcontroller with Voice Output Function
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com