Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD814F3-20JT Datasheet(PDF) 11 Page - STMicroelectronics

Part # PSD814F3-20JT
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD814F3-20JT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PSD814F3-20JT Datasheet HTML 7Page - STMicroelectronics PSD814F3-20JT Datasheet HTML 8Page - STMicroelectronics PSD814F3-20JT Datasheet HTML 9Page - STMicroelectronics PSD814F3-20JT Datasheet HTML 10Page - STMicroelectronics PSD814F3-20JT Datasheet HTML 11Page - STMicroelectronics PSD814F3-20JT Datasheet HTML 12Page - STMicroelectronics PSD814F3-20JT Datasheet HTML 13Page - STMicroelectronics PSD814F3-20JT Datasheet HTML 14Page - STMicroelectronics PSD814F3-20JT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
11/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
Reset
48
I
Resets I/O Ports, PLD macrocells and some of the Configuration Registers. Must be Low
at Power-up.
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
29
28
27
25
24
23
22
21
I/O
These pins make up Port A. These port pins are configurable and can have the following
functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellAB0-7) outputs.
Inputs to the PLDs.
Latched address outputs (see Table 6).
Address inputs. For example, PA0-3 could be used for A0-A3 when using an 80C51XA in
burst mode.
As the data bus inputs D0-D7 for non-multiplexed address/data bus MCUs.
D0/A16-D3/A19 in M37702M2 mode.
Peripheral I/O mode.
Note: PA0-PA3 can only output CMOS signals with an option for high slew rate. However,
PA4-PA7 can be configured as CMOS or Open Drain Outputs.
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
7
6
5
4
3
2
52
51
I/O
These pins make up Port B. These port pins are configurable and can have the following
functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellAB0-7 or McellBC0-7) outputs.
Inputs to the PLDs.
Latched address outputs (see Table 6).
Note: PB0-PB3 can only output CMOS signals with an option for high slew rate.
However, PB4-PB7 can be configured as CMOS or Open Drain Outputs.
PC0
20
I/O
PC0 pin of Port C. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellBC0) output.
Input to the PLDs.
TMS Input2 for the JTAG Serial Interface.
This pin can be configured as a CMOS or Open Drain output.
PC1
19
I/O
PC1 pin of Port C. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellBC1) output.
Input to the PLDs.
TCK Input2 for the JTAG Serial Interface.
This pin can be configured as a CMOS or Open Drain output.
Pin Name
Pin
Type
Description


Similar Part No. - PSD814F3-20JT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD814F3-20 STMICROELECTRONICS-PSD814F3-20 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
More results

Similar Description - PSD814F3-20JT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com