Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB8427 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CDB8427
Description  96 kHz Digital Audio Interface Transceiver
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8427 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CDB8427 Datasheet HTML 5Page - Cirrus Logic CDB8427 Datasheet HTML 6Page - Cirrus Logic CDB8427 Datasheet HTML 7Page - Cirrus Logic CDB8427 Datasheet HTML 8Page - Cirrus Logic CDB8427 Datasheet HTML 9Page - Cirrus Logic CDB8427 Datasheet HTML 10Page - Cirrus Logic CDB8427 Datasheet HTML 11Page - Cirrus Logic CDB8427 Datasheet HTML 12Page - Cirrus Logic CDB8427 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
CS8427
DS477F4
9
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI MODE
Inputs: Logic 0 = 0 V, Logic 1 = VL+; CL = 20 pF.
Notes: 14. If Fso or Fsi is lower than 46.875 kHz, the maximum CCLK frequency should be less than 128 Fso and
less than 128 Fsi. This is dictated by the timing requirements necessary to access the Channel Status
and User Bit buffer memory. Access to the control register file can be carried out at the full 6 MHz rate.
The minimum allowable input sample rate is 8 kHz, so choosing CCLK to be less than or equal to
1.024 MHz should be safe for all possible conditions.
15. Data must be held for sufficient time to bridge the transition time of CCLK.
16. For fsck < 1 MHz.
Parameter
Symbol
Min
Typ
Max
Units
CCLK Clock Frequency
(Note 14)
fsck
0-
6.0
MHz
CS High Time Between Transmissions
tcsh
1.0
-
-
μs
CS Falling to CCLK Edge
tcss
20
-
-
ns
CCLK Low Time
tscl
66
-
-
ns
CCLK High Time
tsch
66
-
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
-
ns
CCLK Rising to DATA Hold Time
(Note 15)
tdh
15
-
-
ns
CCLK Falling to CDOUT Stable
tpd
-
-
50
ns
Rise Time of CDOUT
tr1
-
-
25
ns
Fall Time of CDOUT
tf1
-
-
25
ns
Rise Time of CCLK and CDIN
(Note 16)
tr2
-
-
100
ns
Fall Time of CCLK and CDIN
(Note 16)
tf2
-
-
100
ns
t r2
t f2
t dsu
t dh
t sch
t scl
CS
CCLK
CDIN
t css
t pd
CDOUT
t csh
Figure 3. SPI Mode timing


Similar Part No. - CDB8427

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB8427 CIRRUS-CDB8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CDB8427 CIRRUS-CDB8427 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
More results

Similar Description - CDB8427

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
   96 kHz Digital Audio Interface Receiver
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
   96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com