Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM7120-P Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDM7120-P
Description  V.C.O
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDM7120-P Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDM7120-P Datasheet HTML 1Page - Shoulder Electronics Limited. HDM7120-P Datasheet HTML 2Page - Shoulder Electronics Limited. HDM7120-P Datasheet HTML 3Page - Shoulder Electronics Limited. HDM7120-P Datasheet HTML 4Page - Shoulder Electronics Limited. HDM7120-P Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
V.C.O
HDM7120
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 4 of 5
3. Electrical Specification
Electrical Characteristics
Parameter
Min
Typ
Max
Units
Remarks
Operating Voltage ( Vcc )
4.75
5.0
5.25
Vdc
Output Level
0
dBm
Vcc = 5.0 V
Current Consumption (Icc)
20
mA
Vcc = 5.0 V
Tuning Sensitivity(avg.)
17.5
MHz/V
Vt = 0.5 ~ 4.5V
Tuning Voltage (Vt)
0.5
4.5
Vdc
Oscillation Frequency
1990
MHz
Vcc = 5.0V, Vt = 2.5V
2060
MHz
Vcc = 5.0V, Vt = 2.5V
C/N ( @ 10KHz offset )
dBc / Hz Vcc = 5.0V
C/N ( @ 25 KHz offset )
–95
dBc / Hz Vcc = 5.0V
C/N ( @ 100 KHz offset )
–120
Vcc = 5.0V
C/N ( @ 1 MHz offset )
–135
Vcc = 5.0V
Pushing Figure
±1500
kHz
Vcc = 5.0V
2’nd Harmonic
–15
dBc
Vcc = 5.0V
Load Impedance
50
Operating Temperature
–30
+85


Similar Part No. - HDM7120-P

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDM7100 SHOULDER-HDM7100 Datasheet
219Kb / 6P
   V.C.O
HDM7100-P SHOULDER-HDM7100-P Datasheet
219Kb / 6P
   V.C.O
HDM7110 SHOULDER-HDM7110 Datasheet
173Kb / 5P
   V.C.O
HDM7110-P SHOULDER-HDM7110-P Datasheet
173Kb / 5P
   V.C.O
HDM7130 SHOULDER-HDM7130 Datasheet
173Kb / 5P
   V.C.O
More results

Similar Description - HDM7120-P

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDM7020 SHOULDER-HDM7020 Datasheet
139Kb / 5P
   V.C.O
HDM7040 SHOULDER-HDM7040 Datasheet
144Kb / 5P
   V.C.O
HDM7100 SHOULDER-HDM7100 Datasheet
219Kb / 6P
   V.C.O
HDM7050 SHOULDER-HDM7050 Datasheet
218Kb / 6P
   V.C.O
HDM7060 SHOULDER-HDM7060 Datasheet
174Kb / 5P
   V.C.O
HDM7140 SHOULDER-HDM7140 Datasheet
102Kb / 5P
   V.C.O
HDM7160 SHOULDER-HDM7160 Datasheet
145Kb / 5P
   V.C.O
HDM7110 SHOULDER-HDM7110 Datasheet
173Kb / 5P
   V.C.O
HDM7090 SHOULDER-HDM7090 Datasheet
219Kb / 6P
   V.C.O
HDM7150 SHOULDER-HDM7150 Datasheet
139Kb / 5P
   V.C.O
HDM7010 SHOULDER-HDM7010 Datasheet
140Kb / 5P
   V.C.O
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com