Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAMO-000900-1291MB Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAMO-000900-1291MB
Description  I/Q Modulator/Demodulator 850-960 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMO-000900-1291MB Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAMO-000900-1291MB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMO-000900-1291MB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMO-000900-1291MB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMO-000900-1291MB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMO-000900-1291MB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMO-000900-1291MB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMO-000900-1291MB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
I/Q Modulator/Demodulator
850-960 MHz
Rev. V4
MAMO-00900-1291MT
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Demodulator Input IP3 and Input 1dB Compression 850-960 MHz
0
5
10
15
20
25
30
35
850
860
870
880
890
900
910
920
930
940
950
960
FREQUENCY (MHz)
Input 1dB Compression
IIP3 @ 10dBm LO
IIP3 @ 12dBm LO
IIP3 @ 14dBm LO
Demodulator Conversion Loss 850-960 MHz
-16
-15
-14
-13
-12
-11
-10
-9
-8
850
860
870
880
890
900
910
920
930
940
950
960
FREQUENCY (MHz)
PLO = 10dBm
PLO = 12dBm
PLO = 14dBm


Similar Part No. - MAMO-000900-1291MB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMO-000900-1291HB MA-COM-MAMO-000900-1291HB Datasheet
159Kb / 7P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MAMO-000900-1291HT MACOM-MAMO-000900-1291HT Datasheet
250Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
MAMO-000900-1291LB MACOM-MAMO-000900-1291LB Datasheet
253Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
logo
M/A-COM Technology Solu...
MAMO-000900-1291LB MA-COM-MAMO-000900-1291LB Datasheet
193Kb / 7P
   I/Q Modulator/Demodulator
logo
Tyco Electronics
MAMO-000900-1291LT MACOM-MAMO-000900-1291LT Datasheet
253Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
More results

Similar Description - MAMO-000900-1291MB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMO-00900-1291HT MA-COM-MAMO-00900-1291HT Datasheet
159Kb / 7P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900H-1291T MACOM-MA4IQP900H-1291T Datasheet
145Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291LT MACOM-MAMO-000900-1291LT Datasheet
253Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
MA4IQP900M-1291T MACOM-MA4IQP900M-1291T Datasheet
145Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291HT MACOM-MAMO-000900-1291HT Datasheet
250Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
logo
M/A-COM Technology Solu...
MAMO-000900-1291LT MA-COM-MAMO-000900-1291LT Datasheet
193Kb / 7P
   I/Q Modulator/Demodulator
logo
Tyco Electronics
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
   I/Q Modulator/Demodulator 1800-2000 MHz
EKIN2-960 MACOM-EKIN2-960 Datasheet
218Kb / 2P
   E-Series I/Q Modulator 925 - 960 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com