Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAIA-007860-0001TB Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # MAIA-007860-0001TB
Description  Receive I/Q Module Using Low Barrier Schottky Mixers 850 - 960 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAIA-007860-0001TB Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MAIA-007860-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TB Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TB Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TB Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TB Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TB Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Receive I/Q Module Using Low Barrier Schottky Mixers
850 - 960 MHz
Rev. V4
MAIA-007860-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
11
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Conversion Loss vs. PLO: VCC = 3.3V
Amplitude Imbalance vs. PLO: VCC = 3.3V
Phase Error from Quadrature vs PLO:
VCC = 3.3V
Electrical Specifications: TA = 25°C, Z0 = 50Ω, VCC = +3.3V
P_1dB vs. PLO: VCC = 3.3V
IIP3 vs. PLO: VCC = 3.3V
Carrier Suppression, SSB Rejection,
3rd and 5th Harmonic Suppression:
VCC = 3.3V, PLO = -2 dBm
-13.0
-12.6
-12.2
-11.8
-11.4
-11.0
820
860
900
940
980
FREQUENCY (MHZ)
LO = -4 dBm
LO = -2 dBm
LO = 0 dBm
-0.20
-0.16
-0.12
-0.08
-0.04
0.00
820
860
900
940
980
FREQUENCY (MHZ)
LO = 0 dBm
LO = -2 dBm
LO = -4 dBm
-2.5
-1.5
-0.5
0.5
1.5
2.5
820
860
900
940
980
FREQUENCY (MHZ)
LO = -4 dBm
LO = -2 dBm
LO = 0 dBm
7.0
8.0
9.0
10.0
820
860
900
940
980
FREQUENCY (MHZ)
LO = 0 dBm
LO = -2 dBm
LO = -4 dBm
20
22
24
26
28
30
820
860
900
940
980
FREQUENCY (MHz)
LO = -4 dBm
LO = -2 dBm
LO = 0 dBm
-120
-80
-40
0
820
860
900
940
980
FREQUENCY (MHz)
CARRIER SUPPRESSION
SSB REJECTION
3rd HARMONIC
5th HARMONIC


Similar Part No. - MAIA-007860-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAIA-007860-0001TB MACOM-MAIA-007860-0001TB Datasheet
407Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
More results

Similar Description - MAIA-007860-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAIA-007775-000100 MACOM-MAIA-007775-000100 Datasheet
406Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007859-000100 MACOM-MAIA-007859-000100 Datasheet
396Kb / 12P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007860-000100 MACOM-MAIA-007860-000100 Datasheet
407Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007775-000100 MA-COM-MAIA-007775-000100 Datasheet
199Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007859-000100 MA-COM-MAIA-007859-000100 Datasheet
204Kb / 12P
   Receive I/Q Module Using Medium Barrier Schottky Mixers 850 - 960 MHz
MAMO-00900-1291HT MA-COM-MAMO-00900-1291HT Datasheet
159Kb / 7P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900H-1291T MACOM-MA4IQP900H-1291T Datasheet
145Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291LT MACOM-MAMO-000900-1291LT Datasheet
253Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com