Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAIA-007860-0001TR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAIA-007860-0001TR
Description  Receive I/Q Module Using Low Barrier Schottky Mixers 850 - 960 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAIA-007860-0001TR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAIA-007860-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAIA-007860-0001TR Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Receive I/Q Module Using Low Barrier Schottky Mixers
850 - 960 MHz
Rev. V4
MAIA-007860-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Excellent Carrier Suppression ~44 dBc
• Sideband Suppression ~36 dBc
• -4 to +2 dBm LO Drive
• Excellent ACPR ~73 dBc
• Low Output Noise Floor ~160 dBm/Hz
• Phase Balance < 2.5 deg
• Lead-Free 6 x 6 mm PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS Compliant
Description
M/A-COM's MAIA-007860-000100 is a glass / silicon
monolithic 850-960MHz, I/Q Modulator/Demodulator.
Encapsulated in a low cost, miniature surface mount
PQFN 6mm square, 28-lead plastic package, the die
utilizes M/A-COM’s unique HMIC silicon/glass and
GaAs
processes.
The
product
performance
maximizes the advantages provided by both
processes through the realization of low loss passive
elements and efficient diode technology. The net
result provides excellent harmonic suppression and
output
noise
performance.
In
addition,
the
incorporated monolithic design techniques provide
unparalleled
amplitude
and
phase
balance
performance during demodulation thus adding to the
unit’s overall versatility.
Applications
These modulators/demodulators are well suited for
GSM and CDMA Cellular base station applications,
as well as most RFID systems, particularly where
small size and high performance are required.
Typical applications include quadrature modulation
requirements in wireless receivers and transmitters.
Ordering Information
Part Number
Package
MAIA-007860-000100
Bulk Packaging
MAIA-007860-0001TR
1000 piece reel
MAIA-007860-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VCC
15
GND
2
GND
16
GND
3
GND
17
GND
4
LO
18
RF
5
GND
19
GND
6
GND
20
GND
7
GND
21
GND
8
GND
22
GND
9
GND
23
GND
10
GND
24
GND
11
I
25
Q
12
GND
26
GND
13
GND
27
GND
14
GND
28
GND
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
QUAD
HYBRID
0
90
POWER
DIVIDER
0
0
IF
IF
RF
RF
LO
LO
BUFFER
I Port
Q Port
RF Port
LO Port


Similar Part No. - MAIA-007860-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAIA-007860-0001TR MACOM-MAIA-007860-0001TR Datasheet
407Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
More results

Similar Description - MAIA-007860-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAIA-007775-000100 MACOM-MAIA-007775-000100 Datasheet
406Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007859-000100 MACOM-MAIA-007859-000100 Datasheet
396Kb / 12P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007860-000100 MACOM-MAIA-007860-000100 Datasheet
407Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007775-000100 MA-COM-MAIA-007775-000100 Datasheet
199Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007859-000100 MA-COM-MAIA-007859-000100 Datasheet
204Kb / 12P
   Receive I/Q Module Using Medium Barrier Schottky Mixers 850 - 960 MHz
MAMO-00900-1291HT MA-COM-MAMO-00900-1291HT Datasheet
159Kb / 7P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900H-1291T MACOM-MA4IQP900H-1291T Datasheet
145Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291LT MACOM-MAMO-000900-1291LT Datasheet
253Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com