Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR21V1410IL16 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR21V1410IL16
Description  1-CH FULL-SPEED USB UART
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21V1410IL16 Datasheet(HTML) 1 Page - Exar Corporation

  XR21V1410IL16 Datasheet HTML 1Page - Exar Corporation XR21V1410IL16 Datasheet HTML 2Page - Exar Corporation XR21V1410IL16 Datasheet HTML 3Page - Exar Corporation XR21V1410IL16 Datasheet HTML 4Page - Exar Corporation XR21V1410IL16 Datasheet HTML 5Page - Exar Corporation XR21V1410IL16 Datasheet HTML 6Page - Exar Corporation XR21V1410IL16 Datasheet HTML 7Page - Exar Corporation XR21V1410IL16 Datasheet HTML 8Page - Exar Corporation XR21V1410IL16 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR21V1410
1-CH FULL-SPEED USB UART
JUNE 2009
REV. 1.0.0
GENERAL DESCRIPTION
The XR21V1410 (V1410) is an enhanced Universal
Asynchronous Receiver and Transmitter (UART) with
a USB interface. The USB interface is fully compliant
to Full Speed USB 2.0 specification that supports 12
Mbps USB data transfer rate. The USB interface also
supports USB suspend, resume and remote wakeup
operations.
The V1410 operates from an internal 48MHz clock
therefore no external crystal/oscillator is required like
previous generation UARTs. With the fractional baud
rate generator, any baud rate can accurately be
generated using the internal 48MHz clock.
The large 128-byte FIFO and 384-byte RX FIFO of
the V1410 helps to optimize the overall data
throughput for various applications. The Automatic
Transceiver Direction control feature simplifies both
the hardware and software for half-duplex RS-485
applications. If required, the multidrop (9-bit) mode
with automatic half-duplex transceiver control feature
further
simplifies
typical
multidrop
RS-485
applications.
The V1410 operates from a single 2.97 to 3.63 volt
power supply and has 5V tolerant inputs. The V1410
is available in a 16-pin QFN package.
Software drivers for Windows 2000, XP, Vista, and
CE, as well as Linux and Mac are supported for the
XR21V1410.
APPLICATIONS
Portable Appliances
External Converters (dongles)
Battery-Operated Devices
Cellular Data Devices
Factory Automation and Process Controls
Industrial applications
FEATURES
USB 2.0 Compliant Interface
Supports 12 Mbps USB full-speed data rate
Supports USB suspend, resume and remote
wakeup operations
Enhanced UART Features
Data rates up to 12 Mbps
Fractional Baud Rate Generator
128 byte TX FIFO
384 byte RX FIFO
7, 8 or 9 data bits, 1 or 2 stop bits
Automatic Hardware (RTS/CTS or DTR/DSR)
Flow Control
Automatic Software (Xon/Xoff) Flow Control
Multidrop
mode
w/
Auto
Half-Duplex
Transceiver Control
Multidrop mode w/ Auto TX Enable
Half-Duplex mode
Sleep Mode with Remote Wake-up
Selectable GPIO or Modem I/O
Internal 48 MHz clock
Single 2.97-3.63V power supply
5V tolerant inputs
16-pin QFN package
Virtual COM Port drivers
Windows 2000, XP and Vista
Windows CE 4.2, 5.0, 6.0
Linux
Mac


Similar Part No. - XR21V1410IL16

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1410IL16 EXAR-XR21V1410IL16 Datasheet
267Kb / 27P
   1-CH FULL-SPEED USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1410IL16MTR-F EXAR-XR21V1410IL16MTR-F Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1410IL16TR-F EXAR-XR21V1410IL16TR-F Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
More results

Similar Description - XR21V1410IL16

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410_10 Datasheet
267Kb / 27P
   1-CH FULL-SPEED USB UART
XR21V1410IL-0A-EB EXAR-XR21V1410IL-0A-EB Datasheet
273Kb / 28P
   1-CH FULL-SPEED USB UART
XR21B1411 EXAR-XR21B1411_17 Datasheet
2Mb / 32P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1420IL28-0A EXAR-XR21B1420IL28-0A Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1411IL-0A-EB EXAR-XR21B1411IL-0A-EB Datasheet
796Kb / 30P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1420 EXAR-XR21B1420 Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com