Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFRIN0496 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAFRIN0496
Description  Single Junction Gull Wing Circulator 950 MHz-956 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFRIN0496 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAFRIN0496 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFRIN0496 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFRIN0496 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Single Junction Gull Wing Circulator
950 MHz—956 MHz
RoHS Compliant
Rev. V2
MAFRIN0496
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Recommended PCB Layout
Outline Drawing
1. Dimensions in mm.
2. Tolerances: ± 0.2 mm unless otherwise noted.
3. Use multiple plated thru holes in ground area under the hous-
ing.
1. Dimensions in mm.
2. Tolerances: ± 0.3 mm unless otherwise noted.
3. Housing: Cold Rolled Steel with Sn 100% plating.
4. Cover: CRS with Sn 100% plating.
5. Leads: Copper.


Similar Part No. - MAFRIN0496

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0496 MACOM-MAFRIN0496 Datasheet
132Kb / 3P
   Single Junction Gull Wing Circulator 950 MHz-956 MHz
More results

Similar Description - MAFRIN0496

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0453 MACOM-MAFRIN0453 Datasheet
133Kb / 3P
   Single Junction Gull Wing Circulator 950 MHz-956 MHz
MAFRIN0496 MACOM-MAFRIN0496 Datasheet
132Kb / 3P
   Single Junction Gull Wing Circulator 950 MHz-956 MHz
MAFRIN0497 MACOM-MAFRIN0497 Datasheet
134Kb / 3P
   Single Junction Gull Wing Circulator 902 MHz-928 MHz
logo
M/A-COM Technology Solu...
MAFRIN0497 MA-COM-MAFRIN0497 Datasheet
132Kb / 3P
   Single Junction Gull Wing Circulator 902 MHz-928 MHz
logo
Tyco Electronics
MAFRIN0494 MACOM-MAFRIN0494 Datasheet
371Kb / 3P
   Single Junction Gull Wing Circulator 860 MHz-960 MHz
MAFRIN0461 MACOM-MAFRIN0461 Datasheet
135Kb / 3P
   Single Junction Gull Wing Circulator 902 MHz-928 MHz
MAFRIN0370 MACOM-MAFRIN0370 Datasheet
372Kb / 3P
   Single Junction Gull Wing Circulator 860 MHz-960 MHz
logo
M/A-COM Technology Solu...
MAFRIN0494 MA-COM-MAFRIN0494 Datasheet
371Kb / 3P
   Single Junction Gull Wing Circulator 860 MHz-960 MHz
logo
Tyco Electronics
MAFRIN0449 MACOM-MAFRIN0449 Datasheet
134Kb / 3P
   Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
MAFRIN0495 MACOM-MAFRIN0495 Datasheet
133Kb / 3P
   Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com