Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR18W750IL48 Datasheet(PDF) 11 Page - Exar Corporation

Part # XR18W750IL48
Description  WIRELESS UART CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18W750IL48 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR18W750IL48 Datasheet HTML 7Page - Exar Corporation XR18W750IL48 Datasheet HTML 8Page - Exar Corporation XR18W750IL48 Datasheet HTML 9Page - Exar Corporation XR18W750IL48 Datasheet HTML 10Page - Exar Corporation XR18W750IL48 Datasheet HTML 11Page - Exar Corporation XR18W750IL48 Datasheet HTML 12Page - Exar Corporation XR18W750IL48 Datasheet HTML 13Page - Exar Corporation XR18W750IL48 Datasheet HTML 14Page - Exar Corporation XR18W750IL48 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
XR18W750
11
REV. 1.0.0
WIRELESS UART CONTROLLER
3.3
Device Reset
The RESET input resets the internal registers and the serial interface outputs to their default state (see
Table 15). An active high pulse of longer than 40 ns duration will be required to activate the reset function in
the device.
3.4
Device Identification and Revision
The XR18W750 has the same Device ID as the XR16L275x and XR16V275x. To read the identification code
from the part, it is required to set the baud rate generator registers DLL and DLM both to 0x00. Now reading
the content of the DLM will provide 0x0A and reading the content of DLL will provide the revision of the part; for
example, a reading of 0x01 means revision A.
3.5
Internal Registers
The enhanced UART has a set of registers for control, monitoring and data loading and unloading. The
configuration register set is compatible to those already available in the standard single 16C550. These
registers function as data holding registers (THR/RHR), interrupt status and control registers (ISR/IER), a FIFO
control register (FCR), receive line status and control registers (LSR/LCR), modem status and control registers
(MSR/MCR), programmable data rate (clock) divisor registers (DLL/DLM), and a user accessible Scratchpad
Register (SPR).
Beyond the general 16C550 features and capabilities, the XR18W750 offers enhanced feature registers
(EMSR, FLVL, EFR, FCTR, TRG, FC) that provide automatic RTS and CTS hardware flow control, FIFO trigger
level control, and FIFO level counters. All the register functions are discussed in full detail later in “Section 4.0,
UART INTERNAL REGISTERS” on page 18.
3.6
DMA Mode
The device does not support direct memory access. The DMA Mode (a legacy term) in this document doesn’t
mean “direct memory access” but refers to data block transfer operation. The DMA mode affects the state of
the RXRDY# and TXRDY# output pins. The transmit and receive FIFO trigger levels provide additional
flexibility to the user for block mode operation. The LSR bits 5-6 provide an indication when the transmitter is
empty or has an empty location(s) for more data. The user can optionally operate the transmit and receive
FIFO in the DMA mode (FCR bit-3=1). When the transmit and receive FIFO are enabled and the DMA mode is
disabled (FCR bit-3 = 0), the enhanced UART is placed in single-character mode for data transmit or receive
operation. When DMA mode is enabled (FCR bit-3 = 1), the user takes advantage of block mode operation by
loading or unloading the FIFO in a block sequence determined by the programmed trigger level. In this mode,
the enhanced UART sets the TXRDY# pin when the transmit FIFO becomes full, and sets the RXRDY# pin
when the receive FIFO becomes empty. The following table shows their behavior. Also see Figures 16
through 21.
TABLE 3: TXRDY# AND RXRDY# OUTPUTS IN FIFO AND DMA MODE
PINS
FCR BIT-0=0
(FIFO DISABLED)
FCR BIT-0=1 (FIFO ENABLED)
FCR Bit-3 = 0
(DMA Mode Disabled)
FCR Bit-3 = 1
(DMA Mode Enabled)
RXRDY#
LOW = 1 byte.
HIGH = no data.
LOW = at least 1 byte in FIFO.
HIGH = FIFO empty.
HIGH to LOW transition when FIFO reaches the
trigger level, or time-out occurs.
LOW to HIGH transition when FIFO empties.
TXRDY#
LOW = THR empty.
HIGH = byte in THR.
LOW = FIFO empty.
HIGH = at least 1 byte in FIFO.
LOW = FIFO has at least 1 empty location.
HIGH = FIFO is full.


Similar Part No. - XR18W750IL48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR18W753 EXAR-XR18W753 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
XR18W753IL48 EXAR-XR18W753IL48 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
More results

Similar Description - XR18W750IL48

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C9X1172 PERICOM-PI7C9X1172 Datasheet
464Kb / 1P
   UART Bridge Controller
logo
Actel Corporation
MC-ACT-UARTM-NET ACTEL-MC-ACT-UARTM-NET Datasheet
328Kb / 9P
   Multi-Channel UART Controller
logo
Mitel Networks Corporat...
WL102B MITEL-WL102B Datasheet
138Kb / 9P
   Wireless Data Controller
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
   USB-to-UART Bridge Controller
logo
Zarlink Semiconductor I...
WL102B ZARLINK-WL102B Datasheet
369Kb / 10P
   Wireless Data Controller
logo
Cirrus Logic
CS22250 CIRRUS-CS22250 Datasheet
253Kb / 32P
   WIRELESS 10BT CONTROLLER
logo
Level One
WAC-1000 LVL1-WAC-1000 Datasheet
1,006Kb / 4P
   Wireless LAN Controller
logo
Microchip Technology
WINC3400 MICROCHIP-WINC3400 Datasheet
923Kb / 2P
   Wireless Network Controller
2015
logo
National Semiconductor ...
PC87108AVHG NSC-PC87108AVHG Datasheet
426Kb / 56P
   Advanced UART and Infrared Controller
PC87108 NSC-PC87108 Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com