Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17V254IV Datasheet(PDF) 4 Page - Exar Corporation

Part # XR17V254IV
Description  66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V254IV Datasheet(HTML) 4 Page - Exar Corporation

  XR17V254IV Datasheet HTML 1Page - Exar Corporation XR17V254IV Datasheet HTML 2Page - Exar Corporation XR17V254IV Datasheet HTML 3Page - Exar Corporation XR17V254IV Datasheet HTML 4Page - Exar Corporation XR17V254IV Datasheet HTML 5Page - Exar Corporation XR17V254IV Datasheet HTML 6Page - Exar Corporation XR17V254IV Datasheet HTML 7Page - Exar Corporation XR17V254IV Datasheet HTML 8Page - Exar Corporation XR17V254IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
XR17V254
4
66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
REV. 1.0.1
DTR0#
126
O
UART channel 0 Data Terminal Ready or general purpose output (active
LOW).
DSR0#
130
I
UART channel 0 Data Set Ready or general purpose input (active LOW).
CD0#
129
I
UART channel 0 Carrier Detect or general purpose input (active LOW).
RI0#
128
I
UART channel 0 Ring Indicator or general purpose input (active LOW).
TX1
106
O
UART channel 1 Transmit Data or infrared transmit data.
RX1
99
I
UART channel 1 Receive Data or infrared receive data. Normal RXD input
idles at HIGH condition. The infrared pulses can be inverted prior to decoding
by setting FCTR bit [4].
RTS1#
104
O
UART channel 1 Request to Send or general purpose output (active LOW).
CTS1#
100
I
UART channel 1 Clear to Send or general purpose input (active LOW).
DTR1#
105
O
UART channel 1 Data Terminal Ready or general purpose output (active
LOW).
DSR1#
101
I
UART channel 1 Data Set Ready or general purpose input (active LOW).
CD1#
102
I
UART channel 1 Carrier Detect or general purpose input (active LOW).
RI1#
103
I
UART channel 1 Ring Indicator or general purpose input (active LOW).
TX2
88
O
UART channel 2 Transmit Data or infrared transmit data.
RX2
81
I
UART channel 2 Receive Data or infrared receive data. Normal RXD input
idles at HIGH condition. The infrared pulses can be inverted prior to decoding
by setting FCTR bit [4].
RTS2#
86
O
UART channel 2 Request to Send or general purpose output (active LOW).
CTS2#
82
I
UART channel 2 Clear to Send or general purpose input (active LOW).
DTR2#
87
O
UART channel 2 Data Terminal Ready or general purpose output (active
LOW).
DSR2#
83
I
UART channel 2 Data Set Ready or general purpose input (active LOW).
CD2#
84
I
UART channel 2 Carrier Detect or general purpose input (active LOW).
RI2#
85
I
UART channel 2 Ring Indicator or general purpose input (active LOW).
TX3
62
O
UART channel 3 Transmit Data or infrared transmit data.
RX3
55
I
UART channel 3 Receive Data or infrared receive data. Normal RXD input
idles at HIGH condition. The infrared pulses can be inverted prior to decoding
by setting FCTR bit [4].
RTS3#
60
O
UART channel 3 Request to Send or general purpose output (active LOW).
CTS3#
56
I
UART channel 3 Clear to Send or general purpose input (active LOW).
DTR3#
61
O
UART channel 3 Data Terminal Ready or general purpose output (active
LOW).
DSR3#
57
I
UART channel 3 Data Set Ready or general purpose input (active LOW).
CD3#
58
I
UART channel 3 Carrier Detect or general purpose input (active LOW).
PIN DESCRIPTIONS
NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XR17V254IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V254IV EXAR-XR17V254IV Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
More results

Similar Description - XR17V254IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com