Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACP-009821-CG06TB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-009821-CG06TB
Description  16dB 75Ohm Coupler 5 to 862MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-009821-CG06TB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MACP-009821-CG06TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-009821-CG06TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-009821-CG06TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
16dB 75Ohm Coupler
5 to 862MHz
M/A-COM Products
Rev. V1
MACP-009821-CG0650
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Parameter
Value
RF power
250mW
DC current
30mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Recommended Maximum Ratings 1,2
Electrical Specifications: TA = 25°C, 0dBm, Z0 = 75Ω, Pin = 0dBm
Parameter
Frequency
Units
Min
Typ
Max
Mainline Loss
5 - 862 MHz
dB
-
1.05
1.25
Coupling
5 - 44 MHz
45 MHz
862 MHz
dB
dB
dB
-
-
-
16
16
15.6
±0.5
±0.2
±0.3
Coupling Flatness
5 - 862 MHz
dB
-
-
±0.3
Isolation
5 - 862 MHz
dB
29
33
-
Input Return Loss
5 - 862 MHz
dB
18
25
-
Output Return Loss
5 - 862 MHz
dB
18
25
-
Coupled Return Loss
5 - 862 MHz
dB
18
25
-


Similar Part No. - MACP-009821-CG06TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-009821-CG0650 MA-COM-MACP-009821-CG0650 Datasheet
173Kb / 3P
   16dB 75Ohm Coupler
MACP-009821-CG0650 MA-COM-MACP-009821-CG0650_15 Datasheet
173Kb / 3P
   16dB 75Ohm Coupler
More results

Similar Description - MACP-009821-CG06TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
EMDC-16-11-75 MA-COM-EMDC-16-11-75 Datasheet
176Kb / 3P
   16dB 75 Ohm Coupler 5-862MHz
MACP-009821-CG0650 MA-COM-MACP-009821-CG0650 Datasheet
173Kb / 3P
   16dB 75Ohm Coupler
MACP-009821-CG0650 MA-COM-MACP-009821-CG0650_15 Datasheet
173Kb / 3P
   16dB 75Ohm Coupler
logo
Pulse A Technitrol Comp...
CX3099NL PULSE-CX3099NL Datasheet
180Kb / 2P
   COUPLER 16DB
logo
M/A-COM Technology Solu...
MACPCT0030 MA-COM-MACPCT0030 Datasheet
147Kb / 3P
   Broadband CATV, 16dB Coupler
logo
Tyco Electronics
EMDC-16-11-75 MACOM-EMDC-16-11-75 Datasheet
175Kb / 3P
   E-Series 75Ohm Coupler 5-862 MHz
ELDC-8 MACOM-ELDC-8 Datasheet
165Kb / 2P
   E-Series 75Ohm Coupler 5-1000 MHz
EMDC-16-8-75 MACOM-EMDC-16-8-75 Datasheet
143Kb / 2P
   E-Series 75Ohm Coupler 5-862 MHz
MACPES0018 MACOM-MACPES0018 Datasheet
61Kb / 2P
   E-Series 75 Ohm 16dB Coupler 5 - 1200 MHz
ELDC-6LI MACOM-ELDC-6LI Datasheet
156Kb / 2P
   E-Series 75Ohm Coupler 50-870MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com