Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3101E36 Datasheet(PDF) 1 Page - DDK Ltd.

Part # DMS3101E36
Description  MIL-C-5015 Compatible Environment Resistant Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3101E36 Datasheet(HTML) 1 Page - DDK Ltd.

  DMS3101E36 Datasheet HTML 1Page - DDK Ltd. DMS3101E36 Datasheet HTML 2Page - DDK Ltd. DMS3101E36 Datasheet HTML 3Page - DDK Ltd. DMS3101E36 Datasheet HTML 4Page - DDK Ltd. DMS3101E36 Datasheet HTML 5Page - DDK Ltd. DMS3101E36 Datasheet HTML 6Page - DDK Ltd. DMS3101E36 Datasheet HTML 7Page - DDK Ltd. DMS3101E36 Datasheet HTML 8Page - DDK Ltd. DMS3101E36 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Application
The DMS E/F/R series is designed and manufactured for
reliable performance is a broadrange of electric / electronic
equipment applications. These include machine tools,
communications, instrumentation and high current systems.
Material / Finish
Contact
Copper Alloy
Silver Plating
Insert Ethylene Propylene Rubber
Black
Shell
Aluminum Alloy
Zinc Plating ,
Black chromate finish.
Olive drab chromate finish.
DMS E/F/R Series
MIL-C-5015 Compatible Environment Resistant Type.
Outline
DDK'S DMS E/F/R Series provides a set of moisture-resistant and oil-resistant connectors.
This series uses synthetic rubber for their inserts to cope with the various environments in
which industrial machines are installed.
The products in the DMS E/F/R series are compatible and comply with MIL-C-5015.
The F and R types prevent the entry of water moisture, cutting oil and other foreign
substances into machines where those connectors are employed, helping enhance the reliability of the equipment.
Features
* Synthetic rubber inserts.
* Grommet for moisture-proof.
* Unified backshell with cable clamp.
* Grommet and cable clamp combination for extra strength to hold cable.
* Solder termination contacts.
DMS E/F/R Series
Plug Connector
Receptacle Connector
Box Receptacle
DMS3102E / R
Wall Receptacle
DMS3100E
Cable Receptacle
DMS3101E
Angle Plug
DMS3108E / F
Straight Plug
DMS3106E / F


Similar Part No. - DMS3101E36

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3101E10SL-29PBSL-0 DDK-DMS3101E10SL-29PBSL-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3101E10SL-29PBSL-1 DDK-DMS3101E10SL-29PBSL-1 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3101E10SL-29PBSL-2 DDK-DMS3101E10SL-29PBSL-2 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3101E10SL-29PBSN-0 DDK-DMS3101E10SL-29PBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3101E10SL-29PBSN-1 DDK-DMS3101E10SL-29PBSN-1 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
More results

Similar Description - DMS3101E36

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100E10SL-29SBSN-0 DDK-DMS3100E10SL-29SBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
CA3106R20-27PW ITT-CA3106R20-27PW Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com