Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFR-000084-GS1C1T Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAFR-000084-GS1C1T
Description  Single Junction Drop-In Circulator 925 MHz-960 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFR-000084-GS1C1T Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAFR-000084-GS1C1T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFR-000084-GS1C1T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Single Junction Drop-In Circulator
925 MHz—960 MHz
Rev. C
MAFR-000084-GS1C1T
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing
1.
Dimensions in mm.
2.
Tolerance: ±0.2mm unless otherwise noted.
3.
Lead thickness is 0.12mm.
4.
Model number, lot code and port designation printed on top side of unit.
Section
Material
Plating
Leads
Copper
Silver
Housing
Steel
Silver
Plating
Rev
Date
By
C
22/9/2009
BH
Description
Update format
ECO History


Similar Part No. - MAFR-000084-GS1C1T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000083-AS1C1T MA-COM-MAFR-000083-AS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 869 MHz-894 MHz
MAFR-000085-DS1C1T MA-COM-MAFR-000085-DS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1805 MHz-1880 MHz
MAFR-000086-PS1C1T MA-COM-MAFR-000086-PS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFR-000087-US1C1T MA-COM-MAFR-000087-US1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2110 MHz-2170 MHz
More results

Similar Description - MAFR-000084-GS1C1T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000428-000001 MA-COM-MAFR-000428-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 960 MHz-1200 MHz
MAFR-000455-000001 MA-COM-MAFR-000455-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 960 MHz-1200 MHz
MAFR-000409-000001 MA-COM-MAFR-000409-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 960 MHz-1200 MHz
logo
Tyco Electronics
FR11-0002 MACOM-FR11-0002 Datasheet
45Kb / 1P
   3- Port DROP - IN CIRCULATOR / ISOLATOR 925 - 960 MHz
logo
M/A-COM Technology Solu...
MAFR-000086-PS1C1T MA-COM-MAFR-000086-PS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFRIN0540 MA-COM-MAFRIN0540 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFR-000164-4S3C1T MA-COM-MAFR-000164-4S3C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2010 MHz-2025 MHz
MAFR-000486-000001 MA-COM-MAFR-000486-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1475 MHz-1501 MHz
MAFR-000083-AS1C1T MA-COM-MAFR-000083-AS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 869 MHz-894 MHz
MAFR-000085-DS1C1T MA-COM-MAFR-000085-DS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1805 MHz-1880 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com