Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACP-009404-C80370 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-009404-C80370
Description  Coupler, 8dB 5 to 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-009404-C80370 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MACP-009404-C80370 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-009404-C80370 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-009404-C80370 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Coupler, 8dB
5 to 1000 MHz
M/A-COM Products
Released, Rev. V1
MACP-009404-C80370
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min
Typ
Max
Coupling
5 - 870 MHz
870 - 1000 MHz
dB
dB
-
-
7.9
7.9
±0.6
±0.8
Main Line Loss
5 - 870 MHz
870 - 1000 MHz
dB
dB
-
-
1.5
2.1
2.3
2.6
Coupling Flatness
5 - 1000 MHz
dB
-
-
0.9
Directivity
5 - 870 MHz
870 - 1000 MHz
dB
dB
-
-
17
13
11
10
Input Return Loss
5 - 50 MHz
50 - 870 MHz
870 - 1000 MHz
dB
dB
dB
17
16
16
18
18
20
-
-
-
Output Return Loss
5 - 50 MHz
50 - 870 MHz
870 - 1000 MHz
dB
dB
dB
24
20
18
22
34
24
-
-
-
Coupled Return Loss
5 - 50 MHz
50 - 870 MHz
870 - 1000 MHz
dB
dB
dB
16
16
16
19
20
20
-
-
-
Parameter
Absolute maximum
RF power
250mW
DC current
30mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Electrical Specifications: TA=25°C, Z0=75Ω
Absolute Maximum Ratings


Similar Part No. - MACP-009404-C80370

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-009404-C80370 MA-COM-MACP-009404-C80370 Datasheet
170Kb / 3P
   Coupler, 8dB
MACP-009404-C80370 MA-COM-MACP-009404-C80370 Datasheet
170Kb / 3P
   Coupler
MACP-009404-C80370 MA-COM-MACP-009404-C80370_15 Datasheet
170Kb / 3P
   Coupler
More results

Similar Description - MACP-009404-C80370

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-010446-C80370 MA-COM-MACP-010446-C80370 Datasheet
174Kb / 4P
   Coupler, 8dB
MACP-009736-CD0160 MA-COM-MACP-009736-CD0160 Datasheet
154Kb / 3P
   E-Series Coupler 5 to 1000 MHz
MACP-010250-C808A0 MA-COM-MACP-010250-C808A0 Datasheet
125Kb / 4P
   Coupler 8dB
MACP-009596-CA0160 MA-COM-MACP-009596-CA0160 Datasheet
132Kb / 3P
   E-Series Coupler 5 to 1000 MHz
MACP-010446-C80370 MA-COM-MACP-010446-C80370 Datasheet
174Kb / 4P
   Coupler, 8dB
MACP-009404-C80370 MA-COM-MACP-009404-C80370 Datasheet
170Kb / 3P
   Coupler, 8dB
MACP-010250-C808A0 MA-COM-MACP-010250-C808A0 Datasheet
125Kb / 4P
   Coupler 8dB
logo
Mini-Circuits
ADC-10-4-75 MINI-ADC-10-4-75 Datasheet
260Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-16-4-75 MINI-ADC-16-4-75 Datasheet
242Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com