Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6330A-XXDWG Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # T6330A-XXDWG
Description  1A Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T6330A-XXDWG Datasheet(HTML) 4 Page - Taiwan Memory Technology

  T6330A-XXDWG Datasheet HTML 1Page - Taiwan Memory Technology T6330A-XXDWG Datasheet HTML 2Page - Taiwan Memory Technology T6330A-XXDWG Datasheet HTML 3Page - Taiwan Memory Technology T6330A-XXDWG Datasheet HTML 4Page - Taiwan Memory Technology T6330A-XXDWG Datasheet HTML 5Page - Taiwan Memory Technology T6330A-XXDWG Datasheet HTML 6Page - Taiwan Memory Technology T6330A-XXDWG Datasheet HTML 7Page - Taiwan Memory Technology T6330A-XXDWG Datasheet HTML 8Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TE
CH
tm
T6330A
TM Technology Inc. reserves the right
P. 4
Publication Date: JAN. 2008
to change products or specifications without notice.
Revision: A
Applications Information
Like any voltage regulator, the external capacitors used for the T6330A must be carefully selected
for regulator stability and performance. Using a capacitor whose value is > 10uF on the T6330A
input and the amount of capacitance can be increased without limit. The input capacitor must be
located a distance of not more than 0.5 inch from the input pin of the IC and returned to a clean
analog ground. Any good quality ceramic or tantalum can be used for this capacitor. The capacitor
with larger value and lower ESR (equivalent series resistance) provides better PSRR and line-
transient response.
The output capacitor must meet both requirements for minimum amount of capacitance and ESR in
all voltage regulator application. The T6330A is designed specifically to work with low ESR
ceramic output capacitor in space-saving and performance consideration. Using a ceramic capacitor
whose value is at least 10uF with ESR is more than 20mΩ on the T6330A output ensures stability.
The T6330A still works well with output capacitor of other types due to the wide stable ESR range.
Output capacitor of larger capacitance can reduce noise and improve load transient response,
stability and PSRR.The output capacitor should be located with in 0.5 inch from the VOUT pin of
the T6330A and returned to a clean analog ground.
Enable Function
The T6330A features an voltage regulator enable/disable function. To assure the T6330A voltage
regulator will switch on, the EN turn on control level must be greater than 1.2V. The T6330A
voltage regulator will go into shutdown mode when the voltage on the EN pin falls below 0.4V. The
T6330A equips a quick-discharge function to protect the system. When the regulator is turned off
by EN pin, the internal MOSFET between VOUT and GND will be turned on to discharge output
voltage quickly. If the enable function is not needed in a specific application, it may be tied to
GND/VIN to keep the voltage regulator in a continuously on state.


Similar Part No. - T6330A-XXDWG

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
T63300A MOLEX11-T63300A Datasheet
24Kb / 1P
   Terminator Die
T63301A MOLEX11-T63301A Datasheet
24Kb / 1P
   Terminator Die
T63302A MOLEX11-T63302A Datasheet
24Kb / 1P
   Terminator Die
T63309A MOLEX11-T63309A Datasheet
24Kb / 1P
   Terminator Die
T63309B MOLEX11-T63309B Datasheet
24Kb / 1P
   Terminator Die
More results

Similar Description - T6330A-XXDWG

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com