Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-5001-DAT-F Datasheet(PDF) 1 Page - Vectron International, Inc

Part # PX-5001-DAT-F
Description  Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-5001-DAT-F Datasheet(HTML) 1 Page - Vectron International, Inc

  PX-5001-DAT-F Datasheet HTML 1Page - Vectron International, Inc PX-5001-DAT-F Datasheet HTML 2Page - Vectron International, Inc PX-5001-DAT-F Datasheet HTML 3Page - Vectron International, Inc PX-5001-DAT-F Datasheet HTML 4Page - Vectron International, Inc PX-5001-DAT-F Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PX-500
Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
9X14 J Leaded Surface Mount Package
Re ow Process Compatible
ACMOS, TTL, LVPECL and LVDS
MIL-PRF-55310 Class B Screening (optional)
Frequency Range: 1 MHZ to 800 MHZ
Previous Model: C1300
Military Systems
Avionics and Instrumentation
Test Equipment
Medical Equipment
Features
Applications
PX-500
Parameter
Min
Typ
Max
Units
Condition
Frequency Stabilities1
vs. operating temperature range
(referenced to +25°C)
-15
-25
-50
-100
-25
-50
-100
-50
-100
+15
+25
+50
+100
+25
+50
+100
+50
+100
ppm
ppm
ppm
ppm
ppm
ppm
ppm
ppm
ppm
0… +70°C
0… +70°C
0… +70°C
0… +70°C
-40… +85°C
-40… +85°C
-40… +85°C
-55… +125°C
-55… +125°C
Initial tolerance
-15
-25
-50
-100
+15
+25
+50
+100
ppm
ppm
ppm
ppm
@+25°C
@+25°C
@+25°C
@+25°C
Overall tolerance
(Referenced to +25°C)
(includes operating temperature
and initial accuracy)
-20
-25
-50
-100
-25
-50
-100
-65
-100
+20
+25
+50
+100
+25
+50
+100
+65
+100
ppm
ppm
ppm
ppm
ppm
ppm
ppm
ppm
ppm
0… +70°C
0… +70°C
0… +70°C
0… +70°C
-40… +85°C
-40… +85°C
-40… +85°C
-55… +125°C
-55… +125°C
Performance Speci cations


Similar Part No. - PX-5001-DAT-F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-500 VECTRON-PX-500 Datasheet
1Mb / 9P
   Crystal Oscillator
More results

Similar Description - PX-5001-DAT-F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com