Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACP-008249-CH09TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-008249-CH09TB
Description  17dB Directional Coupler 5 - 120 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-008249-CH09TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MACP-008249-CH09TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-008249-CH09TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-008249-CH09TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
17dB Directional Coupler
5 - 120 MHz
M/A-COM Products
Part Status: V3
MACP-008249-CH09B0
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount
• 17dB Coupler
• RoHS* Compliant
• RoHS version of MACPCT0017
• Availably on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MACP-008249-CH09B0 is a 17dB direc-
tional coupler in a low cost, surface mount package.
Ideally suited for high volume CATV applications. A
75W external resistor is required on the isolation port
with this product. Typical applications include set-top
boxes, network interface units, CATV amplifiers and
headend equipment.
Case Style SM-155
Pin Configuration
Function
Pin Number
Input
1
Coupled
3
External 75 Ohm
4
Output
5
Ground
2
Not Connected (Ground)
6
Schematic
Part Number
Package
MACP-008249-CH09B0
2000
MACP-008249-CH09TB
Customer Test Board
Ordering Information
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Note: Reference Application Note
M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MACP-008249-CH09TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MACP-008249-CH09TB MACOM-MACP-008249-CH09TB Datasheet
221Kb / 3P
   17dB Directional Coupler 5-120 MHz
More results

Similar Description - MACP-008249-CH09TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MACP-008249-CH09B0 MACOM-MACP-008249-CH09B0 Datasheet
221Kb / 3P
   17dB Directional Coupler 5-120 MHz
logo
M/A-COM Technology Solu...
MACP-008249-CH09B0-V4 MA-COM-MACP-008249-CH09B0-V4 Datasheet
559Kb / 4P
   17dB Directional Coupler
MACP-008249-CH09B0 MA-COM-MACP-008249-CH09B0_15 Datasheet
559Kb / 4P
   17dB Directional Coupler
MACP-008248-CH0670 MA-COM-MACP-008248-CH0670 Datasheet
75Kb / 3P
   17dB Coupler 5-870 MHz
logo
Tyco Electronics
MACP-008248-CH0670 MACOM-MACP-008248-CH0670 Datasheet
82Kb / 3P
   17dB Coupler 5-870 MHz
logo
M/A-COM Technology Solu...
MACP-007486-CH0010 MA-COM-MACP-007486-CH0010 Datasheet
111Kb / 3P
   17dB Coupler 5-1000MHz
logo
Tyco Electronics
MACP-007486-CH0010 MACOM-MACP-007486-CH0010 Datasheet
120Kb / 3P
   17dB Coupler 5-1000MHz
CH20-0032-17G MACOM-CH20-0032-17G Datasheet
103Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
MACPCC0002 MACOM-MACPCC0002 Datasheet
307Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler 824-960 MHz
logo
M/A-COM Technology Solu...
CH20-0032-17G MA-COM-CH20-0032-17G Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com