Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6328A Datasheet(PDF) 9 Page - Taiwan Memory Technology

Part # T6328A
Description  500mA Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T6328A Datasheet(HTML) 9 Page - Taiwan Memory Technology

Back Button T6328A Datasheet HTML 2Page - Taiwan Memory Technology T6328A Datasheet HTML 3Page - Taiwan Memory Technology T6328A Datasheet HTML 4Page - Taiwan Memory Technology T6328A Datasheet HTML 5Page - Taiwan Memory Technology T6328A Datasheet HTML 6Page - Taiwan Memory Technology T6328A Datasheet HTML 7Page - Taiwan Memory Technology T6328A Datasheet HTML 8Page - Taiwan Memory Technology T6328A Datasheet HTML 9Page - Taiwan Memory Technology T6328A Datasheet HTML 10Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TE
CH
tm
T6328A
TM Technology Inc. reserves the right
P. 9
Publication Date: OCT. 2007
to change products or specifications without notice.
Revision: A
PACKAGE DIMENSIONS
SOT-89
D
POLISHED(2X)
D1
C
H
E
L
B
B1
12
3
10'(2X)
e
e1
A
Dimension in mm
Dimension in inch
Symbol
Min.
Max.
Min.
Max.
A
1.40
1.60
0.055
0.063
B
0.44
0.56
0.017
0.022
B1
0.36
0.48
0.014
0.019
C
0.35
0.44
0.013
0.017
D
4.40
4.60
0.173
0.181
D1
1.35
1.83
0.053
0.072
E
2.29
2.60
0.090
0.102
H
3.94
4.25
0.155
0.167
e
1.50 BSC
0.059 BSC
e1
3.00 BSC
0.118 BSC
L
0.89
1.2
0.035
0.047


Similar Part No. - T6328A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6322A TMT-T6322A Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6322A-ADG TMT-T6322A-ADG Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6322A-AXG TMT-T6322A-AXG Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6323A TMT-T6323A Datasheet
459Kb / 10P
   300mA Voltage Regulator
logo
List of Unclassifed Man...
T6326A ETC2-T6326A Datasheet
34Kb / 6P
   Low-Dropout, Constant-Current White LED with Channel Control
More results

Similar Description - T6328A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com