Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6323A Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T6323A
Description  300mA Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T6323A Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T6323A Datasheet HTML 1Page - Taiwan Memory Technology T6323A Datasheet HTML 2Page - Taiwan Memory Technology T6323A Datasheet HTML 3Page - Taiwan Memory Technology T6323A Datasheet HTML 4Page - Taiwan Memory Technology T6323A Datasheet HTML 5Page - Taiwan Memory Technology T6323A Datasheet HTML 6Page - Taiwan Memory Technology T6323A Datasheet HTML 7Page - Taiwan Memory Technology T6323A Datasheet HTML 8Page - Taiwan Memory Technology T6323A Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TE
CH
tm
T6323A
TM Technology Inc. reserves the right
P. 1
Publication Date: MAR. 2008
to change products or specifications without notice.
Revision: B
300mA Voltage Regulator
FEATURES
• Wide Input Range: 2.5V to 5.5V
• Available Output Voltages:
1.5V / 1.8V / 2.5V / 2.8V / 3.0 / 3.3V
• Low-Noise for RF Application
• Quick Start-Up (Typically 50us)
• Fast Response in Line/Load Transient
• Standby Current : <0.01uA
• TTL-Logic-Controlled Shutdown Input
• Low Temperature Coefficient
• Current Limiting Protection
• Thermal Shutdown Protection
• High Power Supply Rejection Ratio
• Only 1uF Output Capacitor Required for
Stability
• Available Package (Lead-Free) :
SOT-23-3, SOT-23-5, SOT-223, SOT-89,
SC-82
APPLICATIONS
• CDMA/GSM Cellular Handsets
• Battery-Powered Equipment
• Laptop, Palmtops, Notebook Computers
• Hand-Held Instruments
• PCMCIA Cards
• Portable Information Appliances
GENERAL DESCRIPTION
The T6323A is designed for portable RF and
wireless
applications
with
demanding
performance and space requirements. The
T6323A performance is optimized for battery-
powered systems to deliver ultra low noise and
low quiescent current. Regulator ground
current increases only slightly in dropout,
further prolonging the battery life. The
T6323A also works with low-ESR ceramic
capacitors, reducing the amount of board space
necessary for power applications, critical in
hand-held wireless devices. The T6323A
consumes less than 0.01uA in shutdown mode
and has fast turn-on time less than 50us. The
other features include ultra low dropout
voltage, high output accuracy, current limiting
protection, and high ripple rejection ratio.
Available in the SOT-23-3, SOT-23-5, SOT-
223, SC-82 and SOT -89 packages.
PART NUMBER EXAMPLES
T 6 32 3A-1 8 A X G
a
bc
d
a : Device Number
b : Output Voltage
15=1.5V,18=1.8V, 25=2.5V,
28=2.8V, 30=3.0V, 33=3.3V
c : Pin-out / function and Package
AX=SOT-23-5(A), BX=SOT-23-5(B),
CX=SOT-23-3(A),
DX=SOT-89(A), EX=SOT-89(B),
FX=SOT223(A),
AU=SC-82(A)
d : G=lead-free


Similar Part No. - T6323A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6322A TMT-T6322A Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6322A-ADG TMT-T6322A-ADG Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
T6322A-AXG TMT-T6322A-AXG Datasheet
189Kb / 2P
   The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
logo
List of Unclassifed Man...
T6326A ETC2-T6326A Datasheet
34Kb / 6P
   Low-Dropout, Constant-Current White LED with Channel Control
T6326A-AM ETC2-T6326A-AM Datasheet
34Kb / 6P
   Low-Dropout, Constant-Current White LED with Channel Control
More results

Similar Description - T6323A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D081A RICOH-R1131D081A Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com