Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-5000-DCE-F Datasheet(PDF) 2 Page - Vectron International, Inc

Part # PX-5000-DCE-F
Description  Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-5000-DCE-F Datasheet(HTML) 2 Page - Vectron International, Inc

  PX-5000-DCE-F Datasheet HTML 1Page - Vectron International, Inc PX-5000-DCE-F Datasheet HTML 2Page - Vectron International, Inc PX-5000-DCE-F Datasheet HTML 3Page - Vectron International, Inc PX-5000-DCE-F Datasheet HTML 4Page - Vectron International, Inc PX-5000-DCE-F Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Parameter
Min
Typ
Max
Units
Condition
vs. supply voltage change
vs. load change
vs. aging / 1 year
vs. aging / year (following years)
-2
-1
-3
-1
+2
+1
+3
+1
ppm
ppm
ppm
ppm
VS ± 5%
Load ± 5%
after 30 days of operation
Supply Voltage (Vs)
Supply voltage
4.75
5.0
5.25
VDC
Supply voltage
3.135
3.3
3.465
VDC
Supply voltage
2.375
2.5
2.625
VDC
Current consumption
(+5 VDC)
15
20
40
mA
mA
mA
ACMOS or TTL 1.0 to 23.9 MHz
ACMOS or TTL 24 to 49.9 MHz
ACMOS or TTL 50 to 125.00 MHz
Current consumption
(+3.3 VDC or +2.5 VDC)
6
8
12
16
40
75
100
mA
mA
mA
mA
mA
mA
mA
ACMOS 1.0 to 14.9 MHZ
ACMOS 15.0 to 39.9 MHZ
ACMOS 40.0 to 59.9 MHZ
ACMOS 60.0 to 84.9 MHZ
ACMOS 85.0 to 125.0 MHZ
LVPECL or LVDS No load <200 MHz
LVPECL or LVDS No load >200 MHz
RF Output
Signal
ACMOS
Load
15
50
pF
Signal Level (Vol)
0.5
.3
.25
VDC
VDC
VDC
with Vs=5.0V and 15pF load
with Vs=3.3V and 15pF load
with Vs= 2.5V and 15pF load
Signal Level (Voh)
4.5
3.0
2.25
VDC
VDC
VDC
with Vs=5.0V and 15pF load
with Vs=3.3V and 15pF load
with Vs=2.5V and 15pF load
Rise and fall times for ACMOS
(measured 10% to 90%)
10
6
3
ns
ns
ns
1.0 to 23.9 MHz
24.0 to 79.9 MHz
80.0 to 125.0 MHz
Duty cycle
45
40
55
60
%
%
@ 50% < 15 MHz
@ 50% => 15 MHz
Signal
TTL
Load
10
pF
Signal Level (Vol)
0.5
VDC
with Vs=5.0V and 15pF load
Signal Level (Voh)
4.5
VDC
with Vs=5.0V and 15pF load
Rise and fall times for ACMOS
(measured 20% to 80%)
5
3
ns
ns
1.0 to 23.9 MHz
24.0 to 125 MHz
Duty cycle
45
40
55
60
%
%
@ 1.4V < 15 MHz
@ 1.4V >= 15 MHz
Signal
LVPECL
Load
50
ohm
into Vcc-2V or There in Equivalent
Signal Level (Vol)
Vs
-1.62
VDC
-40....+85°C operating temp
Signal Level (Voh)
Vs-
1.025
VDC
-40....+85°C operating temp
Rise and fall times for ACMOS
(measured 20% to 80%)
1000
600
ps
ps
< 100 MHz
>= 100 MHz


Similar Part No. - PX-5000-DCE-F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-500 VECTRON-PX-500 Datasheet
1Mb / 9P
   Crystal Oscillator
More results

Similar Description - PX-5000-DCE-F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com