Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX-4001-DEA-147 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # EX-4001-DEA-147
Description  Evacuated Miniature Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-4001-DEA-147 Datasheet(HTML) 5 Page - Vectron International, Inc

  EX-4001-DEA-147 Datasheet HTML 1Page - Vectron International, Inc EX-4001-DEA-147 Datasheet HTML 2Page - Vectron International, Inc EX-4001-DEA-147 Datasheet HTML 3Page - Vectron International, Inc EX-4001-DEA-147 Datasheet HTML 4Page - Vectron International, Inc EX-4001-DEA-147 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ordering Information
EX - 400 0 - D A J - 107 0 - 10M0000000
Product Family
EX: EMXO
Package
13x20mm
Height
0: A 7.62mm (HCMOS only)
1: B 8.9mm (HCMOS only)
2: B 10.2mm (Sinewave only)
Supply Voltage
D: +5V
E: +3.3V
Stability Code
758: ±75ppb
107: ±100ppb
157: ±150ppb
257: ±250ppb
507: ±500ppb
147: ±140ppb(ST3)
Frequency
Frequency Control
0: Fixed Frequency (HCMOS)
1: Fixed Frequency (0 dBm)
2: Fixed Frequency (+3 dBm)
3: Electrical Tuning (HCMOS)
4: Electrical Tuning (0 dBm)
5: Electrical Tuning (+3 dBm)
6: Oven Alarm Option (HCMOS)
7: Oven Alarm Option (0 dBm)
8: Oven Alarm Option (+3 dBm)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 2-23-2009 daf
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
RF Output Code
A: HCMOS
E: Sinewave
Temperature Range
A: -55°C to +85°C
E: -40°C to +85°C
J: -20°C to +70°C
Notes:
Contact factory for improved stabilities or additional product options. Not all options and codes are available at all
1.
frequencies.
Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency
2.
control voltage, load, temperature (25°C).
Phase noise degrades with increasing output frequency.
3.
Subject to technical modi cation.
4.
Contact factory for availability.
5.


Similar Part No. - EX-4001-DEA-147

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-400 VECTRON-EX-400 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results

Similar Description - EX-4001-DEA-147

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EX-2000-DAE-208 VECTRON-EX-2000-DAE-208 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-4200-DAE-508 VECTRON-EX-4200-DAE-508 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200 Datasheet
843Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-401 VECTRON-EX-401 Datasheet
304Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-200 VECTRON-EX-200_12 Datasheet
400Kb / 4P
   Evacuated Miniature Crystal Oscillator
EX-420 VECTRON-EX-420_12 Datasheet
383Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_14 Datasheet
581Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-620 VECTRON-EX-620 Datasheet
320Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-400 VECTRON-EX-400_12 Datasheet
580Kb / 5P
   Evacuated Miniature Crystal Oscillator
EX-421 VECTRON-EX-421 Datasheet
298Kb / 5P
   Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com