Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX-3010-DAE-258 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # OX-3010-DAE-258
Description  Oven Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-3010-DAE-258 Datasheet(HTML) 1 Page - Vectron International, Inc

  OX-3010-DAE-258 Datasheet HTML 1Page - Vectron International, Inc OX-3010-DAE-258 Datasheet HTML 2Page - Vectron International, Inc OX-3010-DAE-258 Datasheet HTML 3Page - Vectron International, Inc OX-3010-DAE-258 Datasheet HTML 4Page - Vectron International, Inc OX-3010-DAE-258 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 1 of 5
OX-300 / OX 301
Oven Controlled Crystal Oscillator
Reflow Process Compatible Optional
Surface Mount package Optional
AT-CUT and SC_CUT Crystal Options
Low Profile Compact Package
Base stations
Test equipment
Synthesizers
Military communication equipment
Digital Switching
Features
Applications
OX-300 / 301
Frequency Stabilities1 (AT-Cut Crystal-Standard - )
Parameter
Min
Typical
Max
Units
Condition
vs. operating temperature range
(referenced to +25°C)
-100
-200
-200
+100
+200
+200
ppb
ppb
ppb
-20 to +70°C
-20 to +70°C
-40 to +85°C
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / day
vs. aging / year
-0.5
-10
-10
-5
-250
+0.5
+10
+10
+5
+250
ppm
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
V
S
±5% static
Load ±5% static
after 30 days of operation
after 30 days of operation
Warm-up time
5
minutes
to ±100ppb of final frequency (1 hour
reading) @ +25°C
Frequency Stabilities1 (SC-Cut Crystal-Option - 10 to 160 MHz)
vs. operating temperature range
(referenced to +25°C)
-10
-20
-20
+10
+20
+20
ppb
ppb
ppb
-20 to +70°C
-20 to +70°C
-40 to +85°C
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / day
vs. aging / year
-0.2
-2
-2
-1
-75
+0.2
+2
+2
+1
+75
ppm
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
V
S
±5% static
Load ±5% static
after 30 days of operation
≤ 60 MHz; after 30 days of operation
Warm-up time
5
minutes
to ±100ppb of final frequency (1 hour
reading) @ +25°C
Performance Specifications


Similar Part No. - OX-3010-DAE-258

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-301 VECTRON-OX-301 Datasheet
207Kb / 5P
   Oven Controlled Crystal Oscillator
More results

Similar Description - OX-3010-DAE-258

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com