Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSW80150-10 Datasheet(PDF) 5 Page - SYNERGY MICROWAVE CORPORATION

Part # FSW80150-10
Description  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FSW80150-10 Datasheet(HTML) 5 Page - SYNERGY MICROWAVE CORPORATION

  FSW80150-10 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FSW80150-10 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION FSW80150-10 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION FSW80150-10 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION FSW80150-10 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION FSW80150-10 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION FSW80150-10 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: FSW80150-10
800 - 1500 MHz
wide bandwidth
ReFeRenCe Sideband SUPPReSSiOn
A
Att 35 dB
*
*
RBW 30 kHz
VBW 200 Hz
SWT 4.2 s
Ref 8.9 dBm
Center 1.15 GHz
Span 25 MHz
2.5 MHz/
1 AP
VIEW
PRN
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
Marker 1 [T1 ]
9.01 dBm
1.150000000 GHz
2
Delta 2 [T1 ]
-79.49 dB
10.000000000 MHz
3
Delta 3 [T1 ]
-81.36 dB
-10.000000000 MHz
Date:
2.FEB.2007 15:52:51


Similar Part No. - FSW80150-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSW801 ETC1-FSW801 Datasheet
340Kb / 1P
   COMPACT FAN AND FILTER FAN AIR FLOW MONITOR
More results

Similar Description - FSW80150-10

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com