Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-7002-HBE-K Datasheet(PDF) 4 Page - Vectron International, Inc

Part # PX-7002-HBE-K
Description  Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-7002-HBE-K Datasheet(HTML) 4 Page - Vectron International, Inc

  PX-7002-HBE-K Datasheet HTML 1Page - Vectron International, Inc PX-7002-HBE-K Datasheet HTML 2Page - Vectron International, Inc PX-7002-HBE-K Datasheet HTML 3Page - Vectron International, Inc PX-7002-HBE-K Datasheet HTML 4Page - Vectron International, Inc PX-7002-HBE-K Datasheet HTML 5Page - Vectron International, Inc PX-7002-HBE-K Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Type LCC (ACMOS or TTL)
Package Code
Height “H”
0
1.88mm
Pin Connections
1
Enable/Disable or N/C
2
Ground (Case)
3
Output
4
Supply
Outline Drawing / Enclosure
Pin Connections
1
Enable/Disable or N/C
2
Enable/Disable or N/C
(custom number required)
3
Ground (Case)
4
Output
5
Complementary Output
6
Supply
Type LCC (LVPECL or LVDS)
Package Code
Height “H”
1
1.88mm


Similar Part No. - PX-7002-HBE-K

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-700 VECTRON-PX-700 Datasheet
449Kb / 6P
   Crystal Oscillator
PX-700 VECTRON-PX-700_11 Datasheet
449Kb / 6P
   Crystal Oscillator
PX-700 VECTRON-PX-700_16 Datasheet
902Kb / 7P
   Crystal Oscillator
More results

Similar Description - PX-7002-HBE-K

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com