Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRC3-C34S13-0S Datasheet(PDF) 1 Page - DDK Ltd.

Part # FRC3-C34S13-0S
Description  High Current Version for 2-Piece Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FRC3-C34S13-0S Datasheet(HTML) 1 Page - DDK Ltd.

  FRC3-C34S13-0S Datasheet HTML 1Page - DDK Ltd. FRC3-C34S13-0S Datasheet HTML 2Page - DDK Ltd. FRC3-C34S13-0S Datasheet HTML 3Page - DDK Ltd. FRC3-C34S13-0S Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
FRC3 Series
High Current Version for 2-Piece Connectors
SPECIFICATION
Voltage rating
250V AC (rms)
Current rating
3A/contact
Dielectric withstanding voltage
500V AC (rms) for 1 minute
Insulation resistance
1000MΩ min. at 500V DC
Contact resistance
15mΩ max.
Operating temperature
-55℃ to+105℃
MATERIAL/FINISH
Socket
Housing
Polycarbonate resin (UL94V-0)
Cover
Polycarbonate resin (UL94V-0)
Contact
Copper alloy/Gold over Nickel plating
Strain Relief Polyamide resin (UL94 V -0)
Header
Block
PBT resin (UL94V-0)
Contact
Copper alloy/Gold over Nickel plating
FRC3 series is of the current capacity 3A and
contact pitch 3.175mm .
Number of contacts : 16, 20, 34
Applicable cable : Cable pitch 1.59mm
AWG 24 (solid and stranded)
FEATURE
1
FRC3


Similar Part No. - FRC3-C34S13-0S

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FRC SEI-FRC Datasheet
307Kb / 6P
   Fusible Thick Film Chip Resistor
6/28/2021
logo
Festo Corporation.
FRC-1-D-5M-MAXI-A FESTO-FRC-1-D-5M-MAXI-A Datasheet
88Kb / 1P
   Air preparation unit
8/11/22
FRC-1-D-5M-MAXI-A-NPT FESTO-FRC-1-D-5M-MAXI-A-NPT Datasheet
87Kb / 1P
   Air preparation unit
8/16/22
FRC-1-D-5M-MAXI-NPT FESTO-FRC-1-D-5M-MAXI-NPT Datasheet
87Kb / 1P
   Air preparation unit
8/16/22
FRC-1-D-5M-O-MAXI FESTO-FRC-1-D-5M-O-MAXI Datasheet
85Kb / 1P
   Air preparation unit
8/11/22
More results

Similar Description - FRC3-C34S13-0S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
350792-1 MACOM-350792-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223957-1 MACOM-5223957-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
logo
PHOENIX CONTACT
3049563 PHOENIX-3049563 Datasheet
137Kb / 12P
   High Current Connectors - HV M10/2
09/12/2020
3049547 PHOENIX-3049547 Datasheet
380Kb / 11P
   High Current Connectors - HV M6/2
02/04/2022
logo
List of Unclassifed Man...
2-767004-2 ETC-2-767004-2 Datasheet
273Kb / 3P
   High Speed, Controlled Impedance Two-Piece Connectors
Revised 8-97
logo
Hirose Electric
DF64 HIROSE-DF64 Datasheet
871Kb / 6P
   4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
logo
Japan Aviation Electron...
KB1 JAE-KB1 Datasheet
729Kb / 7P
   High-Current Connectors for Solar Panel Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com