Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSH9496-20 Datasheet(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

Part # FSH9496-20
Description  INTEGRATED FREQUENCY SYNTHESIZER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FSH9496-20 Datasheet(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  FSH9496-20 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FSH9496-20 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION FSH9496-20 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
INTEGRATED FREQUENCY SYNTHESIZER
940 - 970 MHz
OPTIMIZED LOOP PARAMETERS
SURFACE MOUNT MODEL: FSH9496-20
REFERENCE SIDEBAND SUPPRESSION
Att 35 dB
A
Ref 9 dBm
1 AP
CLRWR
3 MHz/
Center 952.4 MHz
Span 30 MHz
*
*
RBW 1 kHz
VBW 100 Hz
SWT 300 s
*
PRN
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
Marker 1 [T1 ]
7.42 dBm
952.400000000 MHz
Date:
21.AUG.2006 17:36:48
Ref 9 dBm
Att 35 dB
1 AP
CLRWR
A
Center 952.4 MHz
Span 1.8 GHz
180 MHz/
*
*
RBW 10 kHz
VBW 1 kHz
SWT 180 s
*
PRN
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
Marker 1 [T1 ]
7.71 dBm
952.400000000 MHz
Date:
21.AUG.2006 18:06:34


Similar Part No. - FSH9496-20

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSH04A03L NIEC-FSH04A03L Datasheet
57Kb / 6P
   Schottky Barrier Diode
FSH04A03LB NIEC-FSH04A03LB Datasheet
145Kb / 1P
   High Barrier Diode
logo
National Instruments Co...
FSH04A03LB NI-FSH04A03LB_15 Datasheet
145Kb / 1P
   SBD
logo
Nihon Inter Electronics...
FSH04A04 NIEC-FSH04A04 Datasheet
57Kb / 6P
   Schottky Barrier Diode
FSH04A04B NIEC-FSH04A04B Datasheet
146Kb / 1P
   Schottky Barrier Diode
More results

Similar Description - FSH9496-20

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FSH250300-1M SYNERGY-FSH250300-1M Datasheet
380Kb / 2P
   INTEGRATED FREQUENCY SYNTHESIZER
logo
NTE Electronics
NTE1233 NTE-NTE1233 Datasheet
79Kb / 2P
   Integrated Circuit Frequency Synthesizer
logo
Infineon Technologies A...
TDA5100 INFINEON-TDA5100 Datasheet
817Kb / 39P
   fully integrated frequency synthesizer
Version 2.1 June 2001
logo
BOWEI Integrated Circui...
MPS-BT BOWEI-MPS-BT Datasheet
104Kb / 1P
   Fixed frequency synthesizer (integrated TCXO)
MPS-185.5 BOWEI-MPS-185.5 Datasheet
118Kb / 1P
   Triple frequency output synthesizer (Integrated TCXO)
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
   PLL Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2581 TI-LMX2581 Datasheet
862Kb / 35P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581E TI-LMX2581E_15 Datasheet
1Mb / 55P
[Old version datasheet]   LMX2581E Wideband Frequency Synthesizer with Integrated VCO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com