Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCPL840-10 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # FCPL840-10
Description  FIXED FREQUENCY SYNTHESIZER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FCPL840-10 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  FCPL840-10 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FCPL840-10 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FIXED FREQUENCY SYNTHESIZER
SURFACE MOUNT MODEL: FCPL840-10
840 MHz
FEATURES:
Exceptionally Low Phase Noise
No Programming Required
Lead Free - RoHS Compliant
Patent Pending REL-PRO® Technology
Small Size, Surface Mount
Phase Noise
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
100
1000
10000
100000
1000000
10000000
Offset Frequency (Hz)
PN1 / 840.000 MHz / 8.57 dBm
SPECIFICATIONS (Rev. C 02/23/07)
Frequency
840 MHz
Reference Input Frequency
10 MHz
Reference Input Voltage
1.0 V p-p to 3.3 V p-p
Bias Voltage
Vcc
V (Vdc)
I (mA Max.)
PLL
+5
15
VCO
+5
55
Tune
+5
10
Output Power
+3 dBm (Min.)
Spurious Suppression
85 dB (Typ.)
Harmonic Suppression
18 dB (Typ.)
Power-Up Time
90 mSec (Typ.)*
Output Impedance
50 Ohms (Nom.)
Typical Phase Noise
Offset
Phase Noise
@ 1 kHz
-103 dbc/Hz
@ 10 kHz
-101 dbc/Hz
@ 100 kHz
-120 dbc/Hz
Operating Temperature Range
-40 to +85 °C
* From stable power on to stable lock detect.
Package #
273LF
Pin Configuration
Pin 1 - NC (Reset)
Pin 6 - Ref. Input
Pin 7 - Vcc (PLL)
Pin 8 - Vcc (Tune)
Pin 9 - Vcc (VCO)
Pin 13 - RF Out
Pin 14 - Lock Detect
Pin 2,3,4,5,15,16 - NC
Pin 10,11,12 - GND.
NC - Not Connected


Similar Part No. - FCPL840-10

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FCPL-70 SYNERGY-FCPL-70 Datasheet
460Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL1114-5 SYNERGY-FCPL1114-5 Datasheet
466Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL1215-25 SYNERGY-FCPL1215-25 Datasheet
447Kb / 6P
   Selectable frequency SYNTHESIZER
FCPL3239-10 SYNERGY-FCPL3239-10 Datasheet
517Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL3644-26 SYNERGY-FCPL3644-26 Datasheet
419Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
More results

Similar Description - FCPL840-10

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SFS1730A-LF ZCOMM-SFS1730A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS1730A-LF ZCOMM-SFS1730A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS2365A-LF ZCOMM-SFS2365A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS10000C-LF ZCOMM-SFS10000C-LF Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer
SFS1720A-LF ZCOMM-SFS1720A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS9370Z-LF ZCOMM-SFS9370Z-LF Datasheet
90Kb / 2P
   Fixed Frequency Synthesizer
SFS1000C-LF ZCOMM-SFS1000C-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
logo
SYNERGY MICROWAVE CORPO...
FCPH1280-10 SYNERGY-FCPH1280-10 Datasheet
439Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
FCPH3210-10 SYNERGY-FCPH3210-10 Datasheet
340Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
logo
Z-Communications, Inc
SFS6900A-LF ZCOMM-SFS6900A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0832C-LF ZCOMM-SFS0832C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com