Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-5000-DFJ-287 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # TX-5000-DFJ-287
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-5000-DFJ-287 Datasheet(HTML) 6 Page - Vectron International, Inc

  TX-5000-DFJ-287 Datasheet HTML 1Page - Vectron International, Inc TX-5000-DFJ-287 Datasheet HTML 2Page - Vectron International, Inc TX-5000-DFJ-287 Datasheet HTML 3Page - Vectron International, Inc TX-5000-DFJ-287 Datasheet HTML 4Page - Vectron International, Inc TX-5000-DFJ-287 Datasheet HTML 5Page - Vectron International, Inc TX-5000-DFJ-287 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Profile Feature
Pb-Free Assembly/
Sn-Pb Assembly
Profile Feature
Pb-Free Assembly/
Sn-Pb Assembly
Average ramp-up rate (T
L to Tp)
3°C/second max.
Time 25°C to Peak Temperature
8 minutes max.
Preheat
-Temperature Min T
Smin
-Temperature Min T
smax
-Time (min to max) t
S
150°C
200°C
60-180 seconds
Time maintainted above
-Temperature (T
L)
-Time (t
L)
217°C
60-150 seconds
T
Smax to TL-Ramp-up Rate
3°C/second max
Time maintainted above
-Temperature (T
L)
-Time (t
L)
217°C
60-150 seconds
Time within 5°C of actual Peak
Temperature (t
P)
20-40 seconds
Peak Temperature (T
P)
max 260°C
Ramp-down Rate
6°C/ second max
Note: All temperatures refer to topside of the package, measured on the package body surface.
How to order this product:
Stability Code:
256
±2,5ppm
106:
±1,0ppm
807:
±0,8ppm
507
±0,5ppm
287:
±0,28ppm
Supply Voltage Code:
D:
5 V
E:
3,3 V
RF Output Code:
A:
HCMOS
C:
PECL
F:
clipped Sinewave
Temperature Range:
E:
-40...+85°C
J:
-20...+70°C
H:
-30...+85°C
P:
0...+50°C
Frequency Control:
1:
±5...±20 ppm
2:
±8...±20 ppm
Height:
0:
5,9 mm
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
Use this worksheet to forward the following information to your factory representative :
Model
Height
-
Supply Voltage
Code
RF Output
Code
Temperature
Range
-
Stability
Frequency
Control/ Enable
-
Frequency
TX-500
0
-
D
A
E
-
256
1
-
10MHz
Recommended Reflow Profile
TX-500
page: 6/6


Similar Part No. - TX-5000-DFJ-287

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TX-500 MICROSEMI-TX-500 Datasheet
852Kb / 6P
   Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-500 VECTRON-TX-500_09 Datasheet
273Kb / 6P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-5000-DFJ-287

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com