Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCXO-701-DAE-PN Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VCXO-701-DAE-PN
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCXO-701-DAE-PN Datasheet(HTML) 2 Page - Vectron International, Inc

  VCXO-701-DAE-PN Datasheet HTML 1Page - Vectron International, Inc VCXO-701-DAE-PN Datasheet HTML 2Page - Vectron International, Inc VCXO-701-DAE-PN Datasheet HTML 3Page - Vectron International, Inc VCXO-701-DAE-PN Datasheet HTML 4Page - Vectron International, Inc VCXO-701-DAE-PN Datasheet HTML 5Page - Vectron International, Inc VCXO-701-DAE-PN Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Performance Specifications
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage1, 5V option
3.3V option
V
DD
4.750
3.135
5.0
3.3
5.250
3.465
V
Current2, 5V option, 1.544-30MHz
30.001-50.000
50.001-77.760MHz
3.3V option, 1.544-30MHz
30.001-50.000
50.001-77.760MHz
I
DD
10
12
18
5
9
14
mA
Frequency
Nominal Frequency3
f
N
1.544
77.760
MHz
Pull Range2,6,
ordering option
APR
TPR
±50, ±80, ±100
±50, ±100, ±150
ppm
Linearity2
Lin
5
%
Gain Transfer2
K
V
Positive, +65
ppm/V
Temperature Stability
f
STAB
±20
ppm
Outputs
Output Logic Levels2
Output Logic High
Output Logic Low
0.9*V
DD
0.1*V
DD
V
Load
I
OUT
15
pF
Rise Time2,4
t
R
5ns
Fall Time2,4
t
F
5ns
Symmetry2
SYM
45
50
55
%
Period Jitter5,7, RMS (61.44 MHz)
фJ
3.0
ps
Period Jitter5,7, Peak - Peak (61.44 MHz)
фJ
23
ps
Phase Noise8
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
-63
-97
-129
-144
-157
-159
-164
dBc/Hz
Control Voltage
Control Voltage Range for Pull Range
V
C
0.5
0.3
4.5
3.0
V
Control Voltage Input Impedance
Z
IN
100
Control Voltage Modulation BW
BW
10
kHz
Output Enable/Disable9
Output Enabled
Output Disabled
0.9*V
DD
0.1*V
DD
V
Start-Up Time
10
ms
Operating Temp, ordering option
T
OP
0/70 or -40/85
°C
Package Size
5.0 x 7.5 x 1.8
mm
The power supply should have by-pass capacitors as close to the supply and to ground as possible, for examples 0.1 and 0.01uF
1]
Parameters are tested with production test circuit (Fig 1).
2]
See Standard Frequencies and Ordering Information tables for more specific information
3]
Measured from 20% to 80% of a full output swing (Fig 2).
4]
Not tested in production, guaranteed by design, verified at qualification.
5]
Tested with Vc = 0.3V to 3.0V unless otherwise stated in part description
6]
Broadband Period Jitter measured using Wavecrest SIA3300C, 90K samples, see Application Note for Typical Phase Noise and Jitter Performance
7]
Phase Noise is measured with an Agilent E5052A, see Application Note for Typical Phase Noise and Jitter Performance
8]
The Output is Enabled if the Enable/Disable is left open.
9]
Performance Specifications
Page2


Similar Part No. - VCXO-701-DAE-PN

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCXO-700-ECE-KE VECTRON-VCXO-700-ECE-KE Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECE-KX VECTRON-VCXO-700-ECE-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KE VECTRON-VCXO-700-ECT-KE Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-705-EAE-KA VECTRON-VCXO-705-EAE-KA Datasheet
214Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VCXO-701-DAE-PN

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com