Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS5536-60CPJU Datasheet(PDF) 8 Page - Intersema Sensoric SA

Part # MS5536-60CPJU
Description  SMD Gage Pressure MODULE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5536-60CPJU Datasheet(HTML) 8 Page - Intersema Sensoric SA

Back Button MS5536-60CPJU Datasheet HTML 4Page - Intersema Sensoric SA MS5536-60CPJU Datasheet HTML 5Page - Intersema Sensoric SA MS5536-60CPJU Datasheet HTML 6Page - Intersema Sensoric SA MS5536-60CPJU Datasheet HTML 7Page - Intersema Sensoric SA MS5536-60CPJU Datasheet HTML 8Page - Intersema Sensoric SA MS5536-60CPJU Datasheet HTML 9Page - Intersema Sensoric SA MS5536-60CPJU Datasheet HTML 10Page - Intersema Sensoric SA MS5536-60CPJU Datasheet HTML 11Page - Intersema Sensoric SA MS5536-60CPJU Datasheet HTML 12Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DA5536-60C_003.doc
Aug. 25th, 2008
8
0005536C1246
ECN1126
Pressure error vs supply voltage (typical)
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
0.50
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Voltage (V)
Temperature error vs supply voltage (typical)
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Voltage (V)


Similar Part No. - MS5536-60CPJU

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5536-CNJU INTERSEMA-MS5536-CNJU Datasheet
269Kb / 17P
   SMD Gage Pressure MODULE
logo
TE Connectivity Ltd
MS5536-CNJU TEC-MS5536-CNJU Datasheet
382Kb / 19P
   Pressure range -400 to 1000 mbar
logo
Intersema Sensoric SA
MS5536-CPJU INTERSEMA-MS5536-CPJU Datasheet
269Kb / 17P
   SMD Gage Pressure MODULE
logo
TE Connectivity Ltd
MS5536-CPJU TEC-MS5536-CPJU Datasheet
382Kb / 19P
   Pressure range -400 to 1000 mbar
logo
Intersema Sensoric SA
MS5536-NJU INTERSEMA-MS5536-NJU Datasheet
540Kb / 14P
   SMD Gage Pressure MODULE
More results

Similar Description - MS5536-60CPJU

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5536C INTERSEMA-MS5536C Datasheet
269Kb / 17P
   SMD Gage Pressure MODULE
MS5536 INTERSEMA-MS5536 Datasheet
540Kb / 14P
   SMD Gage Pressure MODULE
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Greystone Energy System...
PGS GREYSTONE-PGS Datasheet
136Kb / 1P
   GAGE PRESSURE TRANSMITTER
07/19
PS-HAGP GREYSTONE-PS-HAGP Datasheet
365Kb / 2P
   HIGH ACCURACY GAGE PRESSURE TRANSMITTER
logo
Red Lion Controls. Inc
GMSG REDLION-GMSG Datasheet
473Kb / 2P
   Strain Gage Module
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
   Measures differential, gage pressure, or vacuum
logo
Honeywell Accelerometer...
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
   Pressure Sensors Gage and Differential/Unamplified
logo
Honeywell Solid State E...
185PC15DT HONEYWELL-185PC15DT Datasheet
494Kb / 5P
   Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
logo
National Instruments Co...
NICFP-SG-140 NI-NICFP-SG-140 Datasheet
186Kb / 4P
   Strain Gage Module for Compact FieldPoint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com