Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCXO-501-EAR-356 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # TCXO-501-EAR-356
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TCXO-501-EAR-356 Datasheet(HTML) 4 Page - Vectron International, Inc

  TCXO-501-EAR-356 Datasheet HTML 1Page - Vectron International, Inc TCXO-501-EAR-356 Datasheet HTML 2Page - Vectron International, Inc TCXO-501-EAR-356 Datasheet HTML 3Page - Vectron International, Inc TCXO-501-EAR-356 Datasheet HTML 4Page - Vectron International, Inc TCXO-501-EAR-356 Datasheet HTML 5Page - Vectron International, Inc TCXO-501-EAR-356 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page4
Reliability
Table 4. Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002
Mechanical Vibration
MIL-STD-883 Method 2007
Temperature Cycle
MIL-STD-883 Method 1010
Solderability
MIL-STD-883 Method 2003
Fine and Gross Leak
Fine and Gross Leak
MIL-STD-883 Method 1014
Resistance to Solvents
MIL-STD-883 Method 2015
Moisture Sensitivity Level
Moisture Sensitivity Level
MSL1
Contact Pads
Gold over Nickel
Table 5. Reflow Profile
Parameter
Symbol
Value
PreHeat Time
t
s
Ts-min
Ts-max
200 sec Max
150°C
200°C
Ramp Up
R
UP
3ºC/sec Max
Time above 217C
t
L
150 sec Max
Time to Peak Temperature
t
25-PEAK
480 sec Max
Time at 260C
Time at 260C
t
P
10 sec Max
Time at 240C
t
P2
60 sec Max
Ramp down
Ramp down
R
DN
6ºC/sec Max
Absolute Maximum Ratings and Handling Precautions
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied or
any other excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings
for extended periods may adversely affect device reliability.
Although ESD protection circuitry has been designed into the VT-501, proper precautions should be taken when handling and
mounting, VI employs a Human Body Model and Charged Device Model for ESD susceptibility testing and design evaluation.
ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry standard has been
adopted for the CDM a standard resistance of 1.5kOhms and capacitance of 100pF is widely used and therefor can be used for
comparison purposes.
Suggested IR Profile
Devices are built using lead free epoxy and can be subjected to standard lead free IR reflow conditions shown in Table 5. Contact
pads are gold over nickel and lower maximum temperatures can also be used, such as 220C.
Table 3. Maximum Ratings
Parameter
Symbol
Rating
Unit
Storage Temperature
T
STORE
-40/85
ºC
Supply Voltage
V
DD
7V
Control Voltage
V
C
0/V
DD
V
ESD, Human Body Model
1000
V
ESD, Charged Device Model
500
V
Maximum Ratings


Similar Part No. - TCXO-501-EAR-356

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-145CB KSS-TCXO-145CB Datasheet
165Kb / 1P
   Temperature Compensated Crystal Oscillator
TCXO-155 KSS-TCXO-155 Datasheet
136Kb / 1P
   Analog signal processing temperature compensated crystal oscillator
TCXO-155CB KSS-TCXO-155CB Datasheet
136Kb / 1P
   Analog signal processing temperature compensated crystal oscillator
TCXO-158D KSS-TCXO-158D Datasheet
138Kb / 1P
   Analog signal processing temperature compensated crystal oscillator
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
More results

Similar Description - TCXO-501-EAR-356

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com