Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS5534-CM Datasheet(PDF) 10 Page - Intersema Sensoric SA

Part # MS5534-CM
Description  BAROMETER MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5534-CM Datasheet(HTML) 10 Page - Intersema Sensoric SA

Back Button MS5534-CM Datasheet HTML 6Page - Intersema Sensoric SA MS5534-CM Datasheet HTML 7Page - Intersema Sensoric SA MS5534-CM Datasheet HTML 8Page - Intersema Sensoric SA MS5534-CM Datasheet HTML 9Page - Intersema Sensoric SA MS5534-CM Datasheet HTML 10Page - Intersema Sensoric SA MS5534-CM Datasheet HTML 11Page - Intersema Sensoric SA MS5534-CM Datasheet HTML 12Page - Intersema Sensoric SA MS5534-CM Datasheet HTML 13Page - Intersema Sensoric SA MS5534-CM Datasheet HTML 14Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DA5534C_003.doc
June 16th, 2008
10
0005534C1175 ECN1118
Example:
Word1, Word2, Word3 and Word4 (4x16 Bit)
D1 = 17000
D2 = 22500
Start
Convert calibration data into coefficients:
(see bit pattern of Word1-Word4)
Read calibration data (factory calibrated) from
PROM of MS5534C
Read digital pressure value from MS5534C
D1 (16 Bit)
Read digital temperature value from MS5534C
Display pressure and temperature value
Basic equations:
Calculate calibration temperature
UT1 = 8*C5+20224
Calculate temperature compensated pressure
Difference between actual temperature and reference
temperature:
dT = D2 - UT1
Actual temperature:
TEMP = 200 + dT*(C6+50)/2
10
(0.1°C resolution)
Calculate actual temperature
D2 (16 Bit)
SENST1
OFFT1
TCS
TCO
Tref
TEMPSENS
C1: Pressure sensitivity
(15 Bit)
C2: Pressure offset
(12 Bit)
C3: Temperature coefficient of pressure sensitivity (10 Bit)
C4: Temperature coefficient of pressure offset
(10 Bit)
C5: Reference temperature
(11 Bit)
C6: Temperature coefficient of the temperature
(6 Bit)
(Refer to application note AN509 for limits of coefficients and
calculated results)
Word1 = 50426
Word2 = 9504
Word3 = 48029
Word4 = 55028
C1 = 25213
C2 = 1908
C3 =
859
C4 =
750
C5 =
148
C6 =
32
dT(D2) = D2 - Tref
TEMP(D2) = 20°+dT(D2)*TEMPSENS
Offset at actual temperature:
OFF = C2*4 + ((C4-512)*dT)/2
12
Sensitivity at actual temperature:
SENS = C1 + (C3*dT)/2
10 + 24576
X = (SENS * (D1-7168))/2
14 - OFF
Temperature compensated pressure:
P = X*10/2
5 + 250*10
(0.1mbar resolution)
OFF(D2) = OFFT1+TCO*dT(D2)
SENS(D2) = SENST1+TCS*dT(D2)
P(D1,D2) = D1*SENS(D2)-OFF(D2)
dT
= 1092
TEMP = 287
= 28.7 °C
OFF
= 7695
SENS = 50705
X
= 22732
P
= 9603
= 960.3 mbar
Fig. 3: Flow chart for pressure and temperature reading and software compensation.
NOTES
1) Readings of D2 can be done less frequently, but the display will be less stable in this case.
2) For a stable display of 0.1 mbar resolution, it is recommended to display the average of 8 subsequent
pressure values.


Similar Part No. - MS5534-CM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5534-CM TEC-MS5534-CM Datasheet
592Kb / 22P
   Piezoresistive silicon micromachined sensor
More results

Similar Description - MS5534-CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS5534B ETC-MS5534B Datasheet
1,015Kb / 21P
   BAROMETER MODULE
logo
Intersema Sensoric SA
MS5534B INTERSEMA-MS5534B_1 Datasheet
958Kb / 21P
   BAROMETER MODULE
logo
List of Unclassifed Man...
MS5534AP ETC1-MS5534AP Datasheet
258Kb / 21P
   BAROMETER MODULE
logo
Intersema Sensoric SA
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
   MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
   MINIATURE BAROMETER MODULE
logo
List of Unclassifed Man...
SMD500 ETC2-SMD500 Datasheet
211Kb / 10P
   Altimeter / Barometer Module ultra low power, low voltage
logo
Vaisala
PTB110 VAISALA-PTB110 Datasheet
1Mb / 2P
   BAROCAP Barometer PTB110
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
   Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
   Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
   Miniature SPI Digital Barometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com