Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-5000-ECE-507 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TX-5000-ECE-507
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-5000-ECE-507 Datasheet(HTML) 1 Page - Vectron International, Inc

  TX-5000-ECE-507 Datasheet HTML 1Page - Vectron International, Inc TX-5000-ECE-507 Datasheet HTML 2Page - Vectron International, Inc TX-5000-ECE-507 Datasheet HTML 3Page - Vectron International, Inc TX-5000-ECE-507 Datasheet HTML 4Page - Vectron International, Inc TX-5000-ECE-507 Datasheet HTML 5Page - Vectron International, Inc TX-5000-ECE-507 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Previous Vectron Model Numbers
C2310; STO50; STO50S3; STO50S3-01
Frequency Range
6.4 MHz – 800 MHz
Standard Frequencies
10; 12.288; 12.8; 19,44; 20; 20,48; 77,76; 100MHz
Parameter
Min
Typ
Max.
Units
Operating temperature range
vs. operating temperature range
-2.5
+2.5
ppm
-40 … +85°C
(Referenced to +25°C)
-1.0
+1.0
ppm
-40 … +85°C
-2.5
+2.5
ppm
-20 … +70°C
-1.0
+1.0
ppm
-20 … +70°C
-1.0
+1.0
ppm
0 … +50°C
-0.5
+0.5
ppm
0 … +50°C
Parameter
Min
Max
Units
Condition
Initial tolerance
- 1.5
+1.5
ppm
at time of shipment, nominal EFC
V
S ± 5%
Load ± 10%
vs. supply voltage change
- 0.2
+0.2
ppm
vs. load change
- 0.2
+0.2
ppm
vs aging /1. Year
- 1.0
+1.0
ppm
TX-500
Temperature Compensated Crystal Oscillator
PCS Base Stations
Land Mobile Radio
Cellular Telephony
Radio in the Local Loop
EFC Standard
Standard Surface Mount Package
Low Phase Noise Option
Low Profile
Features
Typical Applications
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
Frequency stabilities1 [Standard TCXO]
TX-500
page: 1/6


Similar Part No. - TX-5000-ECE-507

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TX-500 MICROSEMI-TX-500 Datasheet
852Kb / 6P
   Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-500 VECTRON-TX-500_09 Datasheet
273Kb / 6P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-5000-ECE-507

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com