Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS763-S Datasheet(PDF) 3 Page - Intersema Sensoric SA

Part # MS763-S
Description  PRESSURE SENSOR DIE (0-300 mmHg)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS763-S Datasheet(HTML) 3 Page - Intersema Sensoric SA

  MS763-S Datasheet HTML 1Page - Intersema Sensoric SA MS763-S Datasheet HTML 2Page - Intersema Sensoric SA MS763-S Datasheet HTML 3Page - Intersema Sensoric SA MS763-S Datasheet HTML 4Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DA763_002.doc
October 9, 2008
3/4
00007631360
ECN 1147
FULL SCALE PRESSURE
kPa
bar
mbar
PSI
atm
mm Hg
m H2O
Inches H2O
40
0.4
400
5.8
0.4
300
4.1
161
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage
VS+
Ta = 25
oC
20
V
Storage temperature
TS
-40
+150
oC
Pressure overload
20
Bar
ELECTRICAL CHARACTERISTICS
(Reference conditions: Supply Voltage VS+ = 5 Vdc; Ambient Temperature Ta = 25°C )
Parameter
Min
Typ
Max
Unit
Notes
Operating Pressure Range
0
0.4
Bar
Operating Temperature Range
-40
125
°C
Bridge Resistance
3.0
3.4
3.8
kΩ
Full-scale span (FS)
18
22.5
27
mV
Zero Pressure Offset
-40
0
40
mV
Linearity
± 0.15
± 0.2
% FS
1
Temperature Coefficient of Resistance
Span
Offset
+ 2400
- 1500
- 80
+ 2800
- 1900
+ 3300
- 2300
+ 80
ppm/°C
ppm/°C
µV/°C
2
Pressure Hysteresis
± 0.05
± 0.15
% FS
3
Repeatability
± 0.05
± 0.15
% FS
4
Temperature Hysteresis
0.3
% FS
5
NOTES
1) Deviation at one half full-scale pressure from the least squares best line fit over pressure range (0 to 0.4 bar).
2) Slope of the endpoint straight line from 25°C to 60°C.
3) Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25°C.
4) Same as 3) after 10 pressure cycles
5) Maximum difference in offset after one thermal cycle from -40°C to +125°C.


Similar Part No. - MS763-S

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS761 INTERSEMA-MS761 Datasheet
244Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS761-A INTERSEMA-MS761-A Datasheet
244Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS761-A_0.2 INTERSEMA-MS761-A_0.2 Datasheet
244Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS761-D INTERSEMA-MS761-D Datasheet
244Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS765 INTERSEMA-MS765 Datasheet
242Kb / 6P
   PRESSURE SENSOR DIE (0-0.5 BAR)
More results

Similar Description - MS763-S

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS7801 INTERSEMA-MS7801 Datasheet
465Kb / 4P
   PRESSURE SENSOR DIE (0-1 BAR)
MS7970 INTERSEMA-MS7970 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-70 BAR)
MS767 INTERSEMA-MS767_08 Datasheet
223Kb / 4P
   PRESSURE SENSOR DIE (0-7 BAR)
MS7902 INTERSEMA-MS7902 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-2 BAR)
MS7904 INTERSEMA-MS7904 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-4 BAR)
MS767 INTERSEMA-MS767 Datasheet
214Kb / 4P
   PRESSURE SENSOR DIE (0-7 BAR)
MS7930 INTERSEMA-MS7930 Datasheet
220Kb / 5P
   PRESSURE SENSOR DIE (0-30 BAR)
MS7812 INTERSEMA-MS7812 Datasheet
411Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR)
MS7901 INTERSEMA-MS7901 Datasheet
257Kb / 5P
   PRESSURE SENSOR DIE (0-1 BAR)
MS7912 INTERSEMA-MS7912 Datasheet
257Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com