Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS54XX Datasheet(PDF) 3 Page - Intersema Sensoric SA

Part # MS54XX
Description  MINIATURE SMD PRESSURE SENSOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS54XX Datasheet(HTML) 3 Page - Intersema Sensoric SA

  MS54XX_09 Datasheet HTML 1Page - Intersema Sensoric SA MS54XX_09 Datasheet HTML 2Page - Intersema Sensoric SA MS54XX_09 Datasheet HTML 3Page - Intersema Sensoric SA MS54XX_09 Datasheet HTML 4Page - Intersema Sensoric SA MS54XX_09 Datasheet HTML 5Page - Intersema Sensoric SA MS54XX_09 Datasheet HTML 6Page - Intersema Sensoric SA MS54XX_09 Datasheet HTML 7Page - Intersema Sensoric SA MS54XX_09 Datasheet HTML 8Page - Intersema Sensoric SA MS54XX_09 Datasheet HTML 9Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DA54xx_014
June 15th, 2009
3
000054xx280 ECN 1243
ELECTRICAL CHARACTERISTICS
HIGH SENSITIVITY VERSIONS
(VS+ = 5 V; Ta = 25°C )
Parameter
Min
Typ
Max
Unit
Notes
Operating pressure range
0
-
1
bar
Full-scale span (FS)
190
240
290
mV
Sensitivity
190
240
290
mV/bar
MS5401-AM
MS5401-APF
Linearity
-
±0.15
±0.4
% FS
1, 6
Operating pressure range
0
-
7
bar
Full-scale span (FS)
322
392
462
mV
Sensitivity
46
56
66
mV/bar
MS5407-AM
Linearity
-
±0.15
±0.4
% FS
1, 6
Operating pressure range
0
-
70
bar
Full-scale span (FS)
250
310
370
mV
Sensitivity
3.6
4.4
5.3
mV/bar
MS5470-AM
Linearity
-
±0.25
±0.50
% FS
1, 6
Operating temperature range
-40
-
125
°C
Zero pressure offset
-40
0
40
mV
Pressure hysteresis
-
-
±0.20
% FS
2, 6
Temperature hysteresis
-
0.3
0.8
% FS
3, 6
Repeatability
-
-
±0.20
% FS
4, 6
Bridge resistance
3.0
3.4
3.8
kΩ
All Ranges
Temperature coefficient of
resistance
Temperature coefficient of span
Temperature coefficient of offset
+2 400
-1 500
-80
2 900
-1 900
-
+3 300
-2 300
+80
ppm/°C
ppm/°C
µ
V/°C
5, 6
5, 6
5, 6
NOTES
1) Deviation at one half full-scale pressure from the least squares best line fit over pressure range.
2) Maximum difference of output voltage after 1 pressure cycle at any pressure within the operating pressure
range.
3) Maximum difference in offset after one thermal cycle from -40°C to +125°C.
4) Same as 2) after 10 pressure cycles.
5) Slope of the end-point straight line from 25°C to 60°C.
6) Not 100% tested.


Similar Part No. - MS54XX_09

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS54XX INTERSEMA-MS54XX Datasheet
183Kb / 8P
   MINIATURE SMD PRESSURE SENSOR
logo
TE Connectivity Ltd
MS54XX TEC-MS54XX Datasheet
177Kb / 10P
   Miniature SMD Pressure Sensor
More results

Similar Description - MS54XX_09

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS54XX TEC-MS54XX Datasheet
177Kb / 10P
   Miniature SMD Pressure Sensor
logo
Intersema Sensoric SA
MS54XX INTERSEMA-MS54XX Datasheet
183Kb / 8P
   MINIATURE SMD PRESSURE SENSOR
MS5201-XD INTERSEMA-MS5201-XD_08 Datasheet
279Kb / 6P
   SMD PRESSURE SENSOR
MS52XX INTERSEMA-MS52XX Datasheet
228Kb / 8P
   SMD PRESSURE SENSOR
MS5201-XD INTERSEMA-MS5201-XD Datasheet
395Kb / 6P
   SMD PRESSURE SENSOR
logo
Reed Relays and Electro...
R5-J-1 RRE-R5-J-1 Datasheet
100Kb / 2P
   Ultra-Miniature SMD Reed Sensor
R5-S-1 RRE-R5-S-1 Datasheet
101Kb / 2P
   Ultra-Miniature SMD Reed Sensor
logo
All Sensors Corporation
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
5PSI-D-HGRADE-MINI ASC-5PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com