Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-702-ECJ-SDB Datasheet(PDF) 3 Page - Vectron International, Inc

Part # PS-702-ECJ-SDB
Description  SAW Based Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PS-702-ECJ-SDB Datasheet(HTML) 3 Page - Vectron International, Inc

  PS-702-ECJ-SDB Datasheet HTML 1Page - Vectron International, Inc PS-702-ECJ-SDB Datasheet HTML 2Page - Vectron International, Inc PS-702-ECJ-SDB Datasheet HTML 3Page - Vectron International, Inc PS-702-ECJ-SDB Datasheet HTML 4Page - Vectron International, Inc PS-702-ECJ-SDB Datasheet HTML 5Page - Vectron International, Inc PS-702-ECJ-SDB Datasheet HTML 6Page - Vectron International, Inc PS-702-ECJ-SDB Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
V
CC
0 to 4
V
Output Current
I
OUT
25
mA
Storage Temperature
TS
-55 to 125
°C
Soldering Temp/Time
T
LS
260 / 40
°C / sec
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied
at these or any other conditions in excess of conditions represented in the operational sections of this datasheet. Exposure to
absolute maximum ratings for extended periods may adversely affect device reliability. Permanent damage is also possible if OD
or Vc is applied before Vcc.
Suggested Output Load Configurations
4
3
240
Ω
0.01
μF
16
2
Gnd
N/C
5
OD
0.10
μF
+3.3V
240
Ω
100
Ω
Z = 50
Ω
Z = 50
Ω
COutput
Vcc
Output
Gnd
OD
N/C
Output
240
Ω
34
240
Ω
COutput
2
1
5
6
Vcc
0.01
μF
0.10
μF
+3.3V
N/C
-1.3V
COutput
Output
4
3
25
OD
0.01
μF
16
Vcc
0.10
μF
+2.0V
LV-PECL to LV-PECL: For short transmission lengths, the power
consumption could be reduced by removing the 100
Ω resistor and
doubling the value of the pull down resistors.
Functional Test: Allows standard power supply configuration.
Since AC coupled, the LV-PECL levels cannot be measured.
LV-PECL to LVDS: Restricted for short transmission lengths.
Configuration may require modification depending on LVDS receiver.
Gnd
3
Output
4
Z = 50
Ω
+3.3V
COutput
N/C
OD
2
1
5
Vcc
6
0.01
μF
0.10
μF
Z = 50
Ω
40
Ω
40
Ω
150
Ω
150
Ω
49
Ω
49
Ω
+3.3V
Production Test: Allows direct DC coupling into 50
Ω measurement
equipment. Must bias the power supplys as shown. Similar to Figure 1.
0.01
μF
0.01
μF
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page3 of 7
Rev: 08May2009


Similar Part No. - PS-702-ECJ-SDB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
More results

Similar Description - PS-702-ECJ-SDB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO502 VECTRON-SO502 Datasheet
149Kb / 8P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com