Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4BN1840-1 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4BN1840-1
Description  Monolithic HMIC??Integrated Bias Network
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4BN1840-1 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4BN1840-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4BN1840-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4BN1840-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4BN1840-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4BN1840-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4BN1840-1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4BN1840-1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4BN1840-1 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Monolithic HMIC™
Integrated Bias Network
RoHS Compliant
Rev. V3
MA4BN1840-1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical RF Performance at TA = +25°C
15
20
25
30
35
40
45
10
50
-45
-40
-35
-30
-25
-20
-15
-10
-5
-50
0
Freq. GHz
Loss (dB)
J2-J1 OUTPUT RETURN LOSS
15
20
25
30
35
40
45
10
50
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
-70
0
Freq. GHz
Loss (dB)
RF-DC ISOLATION


Similar Part No. - MA4BN1840-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4BN1840-1 MACOM-MA4BN1840-1 Datasheet
182Kb / 9P
   Monolithic HMIC Integrated Bias Network 18 - 40 GHz
More results

Similar Description - MA4BN1840-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4BN1840-2 MA-COM-MA4BN1840-2 Datasheet
132Kb / 7P
   Monolithic HMIC??Integrated Bias Network RoHS Compliant
logo
Tyco Electronics
MA4BN1840-1 MACOM-MA4BN1840-1 Datasheet
182Kb / 9P
   Monolithic HMIC Integrated Bias Network 18 - 40 GHz
MA4BN1840-2 MACOM-MA4BN1840-2 Datasheet
178Kb / 8P
   Monolithic HMIC Integrated Dual Bias Network 18 - 40 GHz
logo
M/A-COM Technology Solu...
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
784Kb / 6P
   HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1_15 Datasheet
705Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
153Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
MASW-00X102 MA-COM-MASW-00X102 Datasheet
713Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MASW-002102-13580 MA-COM-MASW-002102-13580 Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
MASW011053 MA-COM-MASW011053_15 Datasheet
707Kb / 6P
   HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com